전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24LC256T-EST 데이터시트(PDF) 25 Page - Microchip Technology

부품명 24LC256T-EST
상세설명  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-EST 데이터시트(HTML) 25 Page - Microchip Technology

Back Button 24LC256T-EST Datasheet HTML 21Page - Microchip Technology 24LC256T-EST Datasheet HTML 22Page - Microchip Technology 24LC256T-EST Datasheet HTML 23Page - Microchip Technology 24LC256T-EST Datasheet HTML 24Page - Microchip Technology 24LC256T-EST Datasheet HTML 25Page - Microchip Technology 24LC256T-EST Datasheet HTML 26Page - Microchip Technology 24LC256T-EST Datasheet HTML 27Page - Microchip Technology 24LC256T-EST Datasheet HTML 28Page - Microchip Technology 24LC256T-EST Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 25
24AAXX/24LCXX/24FCXX
Note:
Temperature range (T) listed on second line. I = Industrial, E = Extended
8-Lead DFN
Example
: Pb-free
XXXXXXX
T/XXXXX
YYWW
24AA128
I/MF
0528
1L7
NNN
3
e
8-Lead 5x6mm DFN Package Marking (Pb-free)
Device
Line 1
Marking
Device
Line 1
Marking
Device
Line 1
Marking
24AA128
24AA128
24LC128
24LC128
24FC128
24FC128
24AA256
24AA256
24LC256
24LC256
24FC256
24FC256
24AA512
24AA512
24LC512
24LC512
24FC512
24FC512
Legend: XX...X
Part number or part number code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn) plated devices
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42