전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24LC256T-EST 데이터시트(PDF) 26 Page - Microchip Technology

부품명 24LC256T-EST
상세설명  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-EST 데이터시트(HTML) 26 Page - Microchip Technology

Back Button 24LC256T-EST Datasheet HTML 22Page - Microchip Technology 24LC256T-EST Datasheet HTML 23Page - Microchip Technology 24LC256T-EST Datasheet HTML 24Page - Microchip Technology 24LC256T-EST Datasheet HTML 25Page - Microchip Technology 24LC256T-EST Datasheet HTML 26Page - Microchip Technology 24LC256T-EST Datasheet HTML 27Page - Microchip Technology 24LC256T-EST Datasheet HTML 28Page - Microchip Technology 24LC256T-EST Datasheet HTML 29Page - Microchip Technology 24LC256T-EST Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 26
© 2007 Microchip Technology Inc.
Example:
5-Lead SOT-23
XXNN
5EL7
5-Lead SOT-23 Package Marking (Pb-free)
Device
Comm.
Marking
Indust.
Marking
Device
Comm.
Marking
Indust.
Marking
E-Temp
Marking
Device
Comm.
Marking
Indust.
Marking
E-Temp
Marking
24AA00
A0NN
B0NN
24LC00
L0NN
M0NN
N0NN
24C00
C0NN
D0NN
E0NN
24AA01
A1NN
B1NN
24LC01B
L1NN
M1NN
N1NN
24AA02
A2NN
B2NN
24LC02B
L2NN
M2NN
N2NN
24AA04
A3NN
B3NN
24LC04B
L3NN
M3NN
N3NN
24AA08
A4NN
B4NN
24LC08B
L4NN
M4NN
N4NN
24AA16
A5NN
B5NN
24LC16B
L5NN
M5NN
N5NN
Legend: XX...X
Part number or part number code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn) plated devices
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42