전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58LT256JST 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 M58LT256JST
상세설명  256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT256JST 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button M58LT256JST Datasheet HTML 5Page - STMicroelectronics M58LT256JST Datasheet HTML 6Page - STMicroelectronics M58LT256JST Datasheet HTML 7Page - STMicroelectronics M58LT256JST Datasheet HTML 8Page - STMicroelectronics M58LT256JST Datasheet HTML 9Page - STMicroelectronics M58LT256JST Datasheet HTML 10Page - STMicroelectronics M58LT256JST Datasheet HTML 11Page - STMicroelectronics M58LT256JST Datasheet HTML 12Page - STMicroelectronics M58LT256JST Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
M58LT256JST, M58LT256JSB
Description
9/106
Time-Programmable (OTP) by the user. The user programmable segment can be
permanently protected. Figure 4, shows the Protection Register Memory map.
The M58LT256JST/B also has a full set of Software security features that are not described
in this datasheet, but are documented in a dedicated Application Note. For further
information please contact STMicroelectronics.
The M58LT256JST/B are offered in a TBGA64, 10 × 13 mm, 1 mm pitch package. They are
supplied with all the bits erased (set to ’1’).
Figure 1.
Logic diagram
Table 1.
Signal names
Signal name
Function
Direction
A0-A23
Address inputs
Inputs
DQ0-DQ15
Data input/outputs, command inputs
I/O
E
Chip Enable
Input
G
Output Enable
Input
W
Write Enable
Input
RP
Reset
Input
K
Clock
Input
L
Latch Enable
Input
WAIT
Wait
Output
VDD
Supply voltage
VDDQ
Supply voltage for input/output buffers
VPP
Optional supply voltage for Fast Program & Erase
VSS
Ground
VSSQ
Ground input/output supply
NC
Not connected internally
DU
Do not use
AI13299
A0-A23
W
DQ0-DQ15
VDD
M58LT256JST
M58LT256JSB
E
VSS
16
G
RP
VDDQ VPP
L
K
WAIT
VSSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More