전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58LT256JST 데이터시트(PDF) 93 Page - STMicroelectronics

부품명 M58LT256JST
상세설명  256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT256JST 데이터시트(HTML) 93 Page - STMicroelectronics

Back Button M58LT256JST Datasheet HTML 89Page - STMicroelectronics M58LT256JST Datasheet HTML 90Page - STMicroelectronics M58LT256JST Datasheet HTML 91Page - STMicroelectronics M58LT256JST Datasheet HTML 92Page - STMicroelectronics M58LT256JST Datasheet HTML 93Page - STMicroelectronics M58LT256JST Datasheet HTML 94Page - STMicroelectronics M58LT256JST Datasheet HTML 95Page - STMicroelectronics M58LT256JST Datasheet HTML 96Page - STMicroelectronics M58LT256JST Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 106 page
background image
M58LT256JST, M58LT256JSB
Flowcharts and pseudocodes
93/106
Figure 25.
Protect/Unprotect operation flowchart and pseudocode
1.
Any address within the bank can equally be used.
Write
01h, D0h
AI12895
Read Block
Protect State
YES
NO
Protection
change
confirmed?
Start
Write 60h (1)
protect_operation_command (address, protect_operation) {
writeToFlash (address, 0x60) ; /*configuration setup*/
/* see note (1) */
if (readFlash (address) ! = protection_state_expected)
error_handler () ;
/*Check the protection state (see Read Block Signature table )*/
writeToFlash (address, 0xFF) ; /*Reset to Read Array mode*/
/*see note (1) */
}
Write FFh (1)
Write 90h (1)
End
if (protect_operation==PROTECT) /*to protect the block*/
writeToFlash (address, 0x01) ;
else if (protect_operation==UNPROTECT) /*to unprotect the block*/
writeToFlash (address, 0xD0) ;
writeToFlash (address, 0x90) ;
/*see note (1) */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com