전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4685-I/SP 데이터시트(PDF) 479 Page - Microchip Technology

부품명 PIC18F4685-I/SP
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4685-I/SP 데이터시트(HTML) 479 Page - Microchip Technology

Back Button PIC18F4685-I/SP Datasheet HTML 475Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 476Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 477Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 478Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 479Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 480Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 481Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 482Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 483Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 484 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39761B-page 477
PIC18F2682/2685/4682/4685
SPI Mode (Slave Mode with CKE = 1) ..................... 194
Stop Condition Receive or Transmit Mode .............. 220
Synchronous Reception
(Master Mode, SREN) ..................................... 244
Synchronous Transmission ...................................... 242
Synchronous Transmission
(Through TXEN) .............................................. 243
Time-out Sequence on POR w/PLL
Enabled (MCLR Tied to VDD) ............................. 47
Time-out Sequence on Power-up
(MCLR Not Tied to VDD), Case 1 ....................... 46
Time-out Sequence on Power-up
(MCLR Not Tied to VDD), Case 2 ....................... 46
Time-out Sequence on Power-up
(MCLR Tied to VDD, VDD Rise Tpwrt) ................ 46
Timer0 and Timer1 External Clock .......................... 439
Transition for Entry to Idle Mode ................................ 38
Transition for Entry to SEC_RUN Mode .................... 35
Transition for Entry to Sleep Mode ............................ 37
Transition for Two-Speed Start-up
(INTOSC to HSPLL) ........................................ 355
Transition for Wake From Idle
to Run Mode ..................................................... 38
Transition for Wake From Sleep (HSPLL) ................. 37
Transition From RC_RUN Mode
to PRI_RUN Mode ............................................. 36
Transition From SEC_RUN Mode
to PRI_RUN Mode (HSPLL) .............................. 35
Transition to RC_RUN Mode ..................................... 36
Timing Diagrams and Specifications ................................ 435
AC Characteristics
Internal RC Accuracy ....................................... 436
Capture/Compare/PWM Requirements
(All CCP Modules) ........................................... 440
CLKO and I/O Requirements ................................... 437
EUSART Synchronous Receive
Requirements .................................................. 450
EUSART Synchronous Transmission
Requirements .................................................. 450
Example SPI Mode Requirements
(Master Mode, CKE = 0) .................................. 442
Example SPI Mode Requirements
(Master Mode, CKE = 1) .................................. 443
Example SPI Mode Requirements
(Slave Mode, CKE = 0) .................................... 444
Example SPI Mode Requirements
(Slave Mode, CKE = 1) .................................... 445
External Clock Requirements .................................. 435
I2C Bus Data Requirements (Slave Mode) .............. 447
I2C Bus Start/Stop Bits Requirements
(Slave Mode) ................................................... 446
Master SSP I2C Bus Data Requirements ................ 449
Master SSP I2C Bus Start/Stop Bits
Requirements .................................................. 448
Parallel Slave Port Requirements
(PIC18F4682/4685) ......................................... 441
PLL Clock ................................................................ 436
Reset, Watchdog Timer, Oscillator Start-up
Timer, Power-up Timer and Brown-out
Reset Requirements ........................................ 438
Timer0 and Timer1 External
Clock Requirements ........................................ 439
Top-of-Stack Access .......................................................... 62
TRISE Register
PSPMODE Bit ......................................................... 138
TSTFSZ ........................................................................... 403
Two-Speed Start-up ................................................. 343, 355
Two-Word Instructions
Example Cases ......................................................... 66
TXSTA Register
BRGH Bit ................................................................. 231
V
Voltage Reference Specifications .................................... 431
W
Watchdog Timer (WDT) ........................................... 343, 353
Associated Registers ............................................... 354
Control Register ....................................................... 353
Programming Considerations .................................. 353
WCOL ...................................................... 215, 216, 217, 220
WCOL Status Flag ................................... 215, 216, 217, 220
WWW Address ................................................................ 478
WWW, On-Line Support ...................................................... 5
X
XORLW ........................................................................... 403
XORWF ........................................................................... 404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More