전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDF8541JS/N3.512 데이터시트(PDF) 27 Page - NXP Semiconductors

부품명 TDF8541JS/N3.512
상세설명  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N3.512 데이터시트(HTML) 27 Page - NXP Semiconductors

Back Button TDF8541JS/N3.512 Datasheet HTML 23Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 24Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 25Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 26Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 27Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 28Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 29Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 30Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
27 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
8.2 I2C-bus data bytes
I2C-bus mode:
• If R/W = 1, the TDF8541 sends data bytes to the microprocessor
• All bits are reset after a read operation except DBx[D4] and DBx[D5] in DB1 to DB4.
Bit DBx[D2] in DB1 to DB4 is set after a read operation; see Section 7.5.1 and
Section 7.5.2.
• For explanation of AC and DC load detection bits, see Section 7.5.3
Remark: Data bits are only reset (cleared after read) after reading 5 data bytes.
Table 13.
Data byte DB1
Bit
Description
D7
temperature pre-warning
0 = no temperature pre-warning
1 = temperature pre-warning has occurred
D6
speaker fault channel 2
0 = no speaker fault, channel 2
1 = speaker fault, channel 2
D5 and D4
channel 2 DC-load or AC-load detection
if bit IB4[D4] = 1, AC-load detection is enabled, bit D5 does not care, bit D4 has
the following meaning:
0 = no AC-load
1 = AC-load detected
if bit IB4[D4] = 0, AC-load detection is disabled, bits D5 and D4 are available
for DC-load detection
00 = normal load
01 = line driver load
10 = open load
11 = not valid
D3
channel 2 shorted load
0 = no shorted load
1 = shorted load
D2
channel 2 output offset
0 = no output offset
1 = output offset
D1
channel 2 short to VP
0 = no short to VP
1 = short to VP
D0
channel 2 short to ground
0 = no short to ground
1 = short to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com