전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDF8541JS/N3.512 데이터시트(PDF) 32 Page - NXP Semiconductors

부품명 TDF8541JS/N3.512
상세설명  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N3.512 데이터시트(HTML) 32 Page - NXP Semiconductors

Back Button TDF8541JS/N3.512 Datasheet HTML 28Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 29Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 30Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 31Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 32Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 33Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 34Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 35Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
32 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
[1]
10 k
 series resistance if connected to V
P.
[2]
Human Body Model (HBM): all pins have passed all tests to 2500 V to guarantee 2000 V, according to
class II.
[3]
Charged-Device Model (CDM).
10. Thermal characteristics
11. Characteristics
Vx
voltage on pin x
SCL and SDA
0
6.5
V
SVR, ACGND and
DIAG
010
V
STB
[1] 024
V
Ptot
total power dissipation
Tcase =70 C-
80
W
VESD
electrostatic discharge
voltage
HBM; C = 100 pF;
Rs =1.5 k
[2] -
2000
V
CDM
[3]
corner pins
-
750
V
non-corner pins; except
pin 24 (SVR) version
TH only
-500
V
pin 24 (SVR) version
TH only
-400
V
Table 18.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 19.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
DBS27/RDBS27/DBSMS27P
Rth(j-c)
thermal resistance from junction to case
1.15
K/W
Rth(j-a)
thermal resistance from junction to ambient
40
K/W
HSOP36
Rth(j-c)
thermal resistance from junction to case
1.15
K/W
Rth(j-a)
thermal resistance from junction to ambient
35
K/W
Table 20.
Characteristics
Refer to test circuit (see Figure 29) at Tamb =25 C; VP = 14.4 V; unless otherwise specified. Tested at Tamb =25 C;
guaranteed for Tj = 40 C to +150 C; functionality is guaranteed for VP < 10 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply voltage behavior
VP(oper)
operating supply voltage
RL = 4 
614.4
18
V
RL = 2 
614.4
16
V
Iq
quiescent current
no load
-
260
350
mA
no load; VP = 7 V
-
190
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com