| 전자부품 데이터시트 검색엔진 |
|
PIC12F683-E/MDQTP 데이터시트(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F683-E/MDQTP 데이터시트(HTML) 38 Page - Microchip Technology |
|
38 / 176 page ![]() PIC12F683 DS41211D-page 36 © 2007 Microchip Technology Inc. 4.2.5 PIN DESCRIPTIONS AND DIAGRAMS Each GPIO pin is multiplexed with other functions. The pins and their combined functions are briefly described here. For specific information about individual functions such as the comparator or the ADC, refer to the appropriate section in this data sheet. 4.2.5.1 GP0/AN0/CIN+/ICSPDAT/ULPWU Figure 4-1 shows the diagram for this pin. The GP0 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • an analog input to the comparator • In-Circuit Serial Programming™ data • an analog input to the Ultra Low-Power Wake-up FIGURE 4-1: BLOCK DIAGRAM OF GP0 I/O pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak RD GPIO RD WR WR RD WR IOC RD IOC Interrupt-on- To Comparator Analog Input Mode(1) GPPU Analog Input Mode(1) Change Q3 WR RD 01 IULP WPU Data Bus WPU GPIO TRISIO TRISIO GPIO Note 1: Comparator mode and ANSEL determines Analog Input mode. VT ULPWUE - + VSS To A/D Converter |