전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F913-E/ML 데이터시트(PDF) 59 Page - Microchip Technology

부품명 PIC16F913-E/ML
상세설명  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/ML 데이터시트(HTML) 59 Page - Microchip Technology

Back Button PIC16F913-E/ML Datasheet HTML 55Page - Microchip Technology PIC16F913-E/ML Datasheet HTML 56Page - Microchip Technology PIC16F913-E/ML Datasheet HTML 57Page - Microchip Technology PIC16F913-E/ML Datasheet HTML 58Page - Microchip Technology PIC16F913-E/ML Datasheet HTML 59Page - Microchip Technology PIC16F913-E/ML Datasheet HTML 60Page - Microchip Technology PIC16F913-E/ML Datasheet HTML 61Page - Microchip Technology PIC16F913-E/ML Datasheet HTML 62Page - Microchip Technology PIC16F913-E/ML Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 57
PIC16F913/914/916/917/946
3.4.3.5
RB4/COM0
Figure 3-10 shows the diagram for this pin. The RB4
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
FIGURE 3-10:
BLOCK DIAGRAM OF RB4
From other
Set RBIF
RB<7:4> pins
LCDEN
COM0
Q
D
CK
Data Latch
TRIS Latch
RD TRISB
RD PORTB
Q
D
CK
TTL
Input Buffer
LCDEN
Data Bus
WR PORTB
WR TRISB
P
VDD
I/O Pin
Weak
Pull-up
LCDEN
RBPU
D
Q
EN
LCDEN
Q1
Q
D
EN
RD PORTB
VDD
VSS
Q
D
CK
Q
RD IOC
WR IOC
Interrupt-on-
Change
Write ‘0’ to RBIF
Q
S
R
WPUB<4>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More