| 전자부품 데이터시트 검색엔진 |
|
PIC16F913-E/ML 데이터시트(PDF) 74 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913-E/ML 데이터시트(HTML) 74 Page - Microchip Technology |
|
74 / 330 page ![]() PIC16F913/914/916/917/946 DS41250F-page 72 © 2007 Microchip Technology Inc. 3.6.1 PIN DESCRIPTIONS AND DIAGRAMS Each PORTD pin is multiplexed with other functions. The pins and their combined functions are briefly described here. For specific information about individual functions such as the Comparator or the ADC, refer to the appropriate section in this data sheet. 3.6.1.1 RD0/COM3 Figure 3-22 shows the diagram for this pin. The RD0 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.6.1.2 RD1 Figure 3-23 shows the diagram for this pin. The RD1 pin is configurable to function as one of the following: • a general purpose I/O 3.6.1.3 RD2/CCP2 Figure 3-24 shows the diagram for this pin. The RD2 pin is configurable to function as one of the following: • a general purpose I/O • a Capture input, Compare output or PWM output 3.6.1.4 RD3/SEG16 Figure 3-25 shows the diagram for this pin. The RD3 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.6.1.5 RD4/SEG17 Figure 3-25 shows the diagram for this pin. The RD4 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.6.1.6 RD5/SEG18 Figure 3-25 shows the diagram for this pin. The RD5 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.6.1.7 RD6/SEG19 Figure 3-25 shows the diagram for this pin. The RD6 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.6.1.8 RD7/SEG20 Figure 3-25 shows the diagram for this pin. The RD7 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD |