전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F258-E/LSQTP 데이터시트(PDF) 379 Page - Microchip Technology

부품명 PIC18F258-E/LSQTP
상세설명  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/LSQTP 데이터시트(HTML) 379 Page - Microchip Technology

Back Button PIC18F258-E/LSQTP Datasheet HTML 375Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 376Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 377Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 378Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 379Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 380Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 381Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 382Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 383Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 377
PIC18FXX8
29.0
PACKAGING INFORMATION
29.1
Package Marking Information
28-Lead SPDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F258-I/SP
0610017
28-Lead SOIC
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F248-E/SO
0610017
40-Lead PDIP
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F448-I/P
0610017
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More