| 전자부품 데이터시트 검색엔진 |
|
PIC18F258-E/LSQTP 데이터시트(PDF) 396 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-E/LSQTP 데이터시트(HTML) 396 Page - Microchip Technology |
|
396 / 402 page ![]() PIC18FXX8 DS41159E-page 394 © 2006 Microchip Technology Inc. RXBnSIDL (Receive Buffer n Standard Identifier, Low Byte)........................... 212 RXERRCNT (Receive Error Count) .......................... 214 RXFnEIDH (Receive Acceptance Filter n Extended Identifier, High Byte) ......................... 216 RXFnEIDL (Receive Acceptance Filter n Extended Identifier, Low Byte) .......................... 216 RXFnSIDH (Receive Acceptance Filter n Standard Identifier Filter, High Byte)................. 215 RXFnSIDL (Receive Acceptance Filter n Standard Identifier Filter, Low Byte).................. 215 RXMnEIDH (Receive Acceptance Mask n Extended Identifier Mask, High Byte)................ 217 RXMnEIDL (Receive Acceptance Mask n Extended Identifier Mask, Low Byte) ................ 217 RXMnSIDH (Receive Acceptance Mask n Standard Identifier Mask, High Byte) ................ 216 RXMnSIDL (Receive Acceptance Mask n Standard Identifier Mask, Low Byte) ................. 217 SSPCON1 (MSSP Control 1, I2C Mode) .................. 154 SSPCON1 (MSSP Control 1, SPI Mode) .................. 145 SSPCON2 (MSSP Control 2, I2C Mode) .................. 155 SSPSTAT (MSSP Status, I2C Mode)........................ 153 SSPSTAT (MSSP Status, SPI Mode) ....................... 144 Status .......................................................................... 57 STKPTR (Stack Pointer) ............................................. 39 T0CON (Timer0 Control)........................................... 109 T1CON (Timer1 Control)........................................... 113 T2CON (Timer2 Control)........................................... 117 T3CON (Timer3 Control)........................................... 119 TRISE (PORTE Direction/PSP Control).................... 105 TXBnCON (Transmit Buffer n Control) ..................... 206 TXBnDLC (Transmit Buffer n Data Length Code)............................................ 209 TXBnDm (Transmit Buffer n Data Field Byte m) ............................................ 208 TXBnEIDH (Transmit Buffer n Extended Identifier, High Byte) ......................... 207 TXBnEIDL (Transmit Buffer n Extended Identifier, Low Byte) .......................... 208 TXBnSIDH (Transmit Buffer n Standard Identifier, High Byte).......................... 207 TXBnSIDL (Transmit Buffer n Standard Identifier, Low Byte)........................... 207 TXERRCNT (Transmit Error Count).......................... 209 TXSTA (Transmit Status and Control) ...................... 183 WDTCON (Watchdog Timer Control)........................ 272 RESET .............................................................................. 311 Reset........................................................................... 25, 265 MCLR Reset During Normal Operation ...................... 25 MCLR Reset During Sleep.......................................... 25 Power-on Reset (POR) ............................................... 25 Programmable Brown-out Reset (PBOR) ................... 25 RESET Instruction ...................................................... 25 Stack Full Reset .......................................................... 25 Stack Underflow Reset ............................................... 25 Watchdog Timer (WDT) Reset.................................... 25 RETFIE ............................................................................. 312 RETLW.............................................................................. 312 RETURN ........................................................................... 313 Revision History ................................................................ 385 RLCF................................................................................. 313 RLNCF .............................................................................. 314 RRCF ................................................................................ 314 RRNCF.............................................................................. 315 S SCI. See USART. SCK Pin ............................................................................ 143 SDI Pin.............................................................................. 143 SDO Pin ............................................................................ 143 Serial Clock (SCK) Pin...................................................... 143 Serial Communication Interface. See USART. Serial Peripheral Interface. See SPI. SETF................................................................................. 315 Slave Select (SS) Pin ....................................................... 143 Slave Select, SS Pin ......................................................... 143 SLEEP .............................................................................. 316 Sleep......................................................................... 265, 274 Software Simulator (MPLAB SIM) .................................... 324 Software Simulator (MPLAB SIM30) ................................ 324 Special Event Trigger. See Compare. Special Features of the CPU ............................................ 265 Configuration Bits ..................................................... 265 Configuration Bits and Device IDs ........................................................ 265 Configuration Registers .................................... 266–271 Special Function Register Map ........................................... 47 Special Function Registers ................................................. 44 SPI Mode Associated Registers ................................................ 151 Bus Mode Compatibility ............................................ 151 Effects of a Reset ..................................................... 151 Master Mode............................................................. 148 Master/Slave Connection.......................................... 147 Registers .................................................................. 144 Serial Clock............................................................... 143 Serial Data In (SDI) Pin ............................................ 143 Serial Data Out (SDO) Pin........................................ 143 Slave Select.............................................................. 143 Slave Select Synchronization ................................... 149 Sleep Operation........................................................ 151 SPI Clock .................................................................. 148 SSPBUF Register ..................................................... 148 SSPSR Register ....................................................... 148 SSPOV ............................................................................. 173 SSPOV Status Flag .......................................................... 173 SSPSTAT Register R/W Bit ............................................................. 156, 157 SUBFWB .......................................................................... 316 SUBLW ............................................................................. 317 SUBWF............................................................................. 317 SUBWFB .......................................................................... 318 SWAPF ............................................................................. 318 T Table Pointer Operations (table)......................................... 68 TBLRD .............................................................................. 319 TBLWT.............................................................................. 320 Timer0............................................................................... 109 16-bit Mode Timer Reads and Writes ....................... 111 Associated Registers ................................................ 111 Operation .................................................................. 111 Overflow Interrupt ..................................................... 111 Prescaler .................................................................. 111 Prescaler. See Prescaler, Timer0. Switching Prescaler Assignment .............................. 111 |