| 전자부품 데이터시트 검색엔진 |
|
SLE 데이터시트(PDF) 48 Page - Winchester Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
SLE 데이터시트(HTML) 48 Page - Winchester Electronics Corporation |
|
48 / 93 page ![]() Dimensions are for reference only and are subject to change. Outline drawings on request. Jackscrew Locking For Series XMRE, XMRA Size 0300 0400 0300X 0400X 0700 0800 Dimension A - Type CW 9 – .36 .34 .36 – – 14 – .36 .34 .36 – – 18 – .36 .34 .36 – – 20 – .36 34 .36 – – 26 .36 .36 .36 .36 – – 34 .39 .39 .39 .39 .47 .47 42 .34 .34 .34 .34 – – 50 .34 .34 .34 .34 – – 50-8 – – – – .47 .47 66 – – – – .47 .47 75 .33 .33 .33 .33 – – Size 0300 0400 0300X 0400X 0700 0800 Dimension A - Type CU 9 – .61 .59 .61 – – 14 – .61 .59 .61 – – 18 – .61 .59 .61 – – 20 – .61 .59 .61 – – 26 .61 .61 .61 .61 – – 34 .64 .64 .64 .64 .72 .72 42 .59 .59 .59 .59 – – 50 .59 .59 .59 .59 – – 50-8 – – – – .72 .72 66 – – – – .72 .72 75 .58 .58 .58 .58 – – Size 0300 0400 0300X 0400X 0700 0800 Dimension A - Type CX 9 – .48 .47 .48 – – 14 – .48 .47 .48 – – 18 – .48 .72 .48 – – 20 – .48 .47 .48 – – 26 .77 .48 .48 .48 – – 34 .52 .52 .52 .52 .61 .61 42 .47 .47 .47 .47 – – 50 .47 .47 .47 .47 – – 50-8 – – – – .61 .61 66 – – – – .61 .61 75 .45 .45 .45 .45 – – Size 0300 0400 0300X 0400X 0700 0800 Dimension A - Type CZ 9 – .61 .59 .61 – – 14 – .61 .59 .61 – – 18 – .61 .84 .61 – – 20 – .61 .59 .61 – – 26 .92 .61 .61 .61 – – 34 .64 .64 .64 .64 .72 .72 42 .59 .59 .59 .59 – – 50 .59 .59 .59 .59 – – 50-8 – – – – .72 .72 66 – – – – .72 .72 75 .58 .58 .58 .58 – – All jackscrews and sockets are stainless steel, passivated, except F & D which are nickel-plated brass. .19 .078 Int. Hex CW .22 A A A A CU CX .25 Hex. CZ .22 Dia. .50 .97 FZ MX MU MW .22 Dia. .25 Hex 6-32 UNC 2 THD. (Typ) .23 .73 .33 .078 Int. Hex .19 All knobs are aluminum, anodized except MW and CW which are stainless steel, passivated. XMRA & XMRE Series Outline Jackscrews & Jacksockets Dimensions RP / 48 www.winconn.com |