| 전자부품 데이터시트 검색엔진 |
|
PIC18F258-E/PSQTP 데이터시트(PDF) 194 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-E/PSQTP 데이터시트(HTML) 194 Page - Microchip Technology |
|
194 / 402 page ![]() PIC18FXX8 DS41159E-page 192 © 2006 Microchip Technology Inc. FIGURE 18-5: ASYNCHRONOUS RECEPTION TABLE 18-7: REGISTERS ASSOCIATED WITH ASYNCHRONOUS RECEPTION Start bit bit 7/8 bit 1 bit 0 bit 7/8 bit 0 Stop bit Start bit Start bit bit 7/8 Stop bit RX (pin) Reg Rcv Buffer Reg Rcv Shift Read Rcv Buffer Reg RCREG RCIF (Interrupt Flag) OERR bit CREN Word 1 RCREG Word 2 RCREG Stop bit Note: This timing diagram shows three words appearing on the RX input. The RCREG (receive buffer) is read after the third word, causing the OERR (overrun) bit to be set. Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 0000 000x 0000 000u PIR1 PSPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 PIE1 PSPIE(1) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 IPR1 PSPIP(1) ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 1111 1111 1111 1111 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 0000 000u RCREG USART Receive Register 0000 0000 0000 0000 TXSTA CSRC TX9 TXEN SYNC —BRGH TRMT TX9D 0000 -010 0000 -010 SPBRG Baud Rate Generator Register 0000 0000 0000 0000 Legend: x = unknown, - = unimplemented locations read as ‘0’. Shaded cells are not used for asynchronous reception. Note 1: These registers or register bits are not implemented on the PIC18F248 and PIC18F258 and read as ‘0’s. |