| 전자부품 데이터시트 검색엔진 |
|
PIC18F258-E/PSQTP 데이터시트(PDF) 196 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-E/PSQTP 데이터시트(HTML) 196 Page - Microchip Technology |
|
196 / 402 page ![]() PIC18FXX8 DS41159E-page 194 © 2006 Microchip Technology Inc. FIGURE 18-6: SYNCHRONOUS TRANSMISSION FIGURE 18-7: SYNCHRONOUS TRANSMISSION (THROUGH TXEN) bit 0 bit 1 bit 7 Word 1 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 bit 2 bit 0 bit 1 bit 7 RC7/RX/DT RC6/TX/CK Write to TXREG Reg TXIF bit (Interrupt Flag) TRMT TXEN bit ‘1’ ‘1’ Note: Sync Master mode; SPBRG = 0; continuous transmission of two 8-bit words. Word 2 TRMT bit Write Word 1 Write Word 2 pin pin Q3 RC7/RX/DT pin RC6/TX/CK pin Write to TXREG Reg TXIF bit TRMT bit bit 0 bit 1 bit 2 bit 6 bit 7 TXEN bit |