전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP6908 데이터시트(PDF) 7 Page - Monolithic Power Systems

부품명 MP6908
상세설명  Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 데이터시트(HTML) 7 Page - Monolithic Power Systems

Back Button MP6908 Datasheet HTML 3Page - Monolithic Power Systems MP6908 Datasheet HTML 4Page - Monolithic Power Systems MP6908 Datasheet HTML 5Page - Monolithic Power Systems MP6908 Datasheet HTML 6Page - Monolithic Power Systems MP6908 Datasheet HTML 7Page - Monolithic Power Systems MP6908 Datasheet HTML 8Page - Monolithic Power Systems MP6908 Datasheet HTML 9Page - Monolithic Power Systems MP6908 Datasheet HTML 10Page - Monolithic Power Systems MP6908 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP6908- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6908 Rev. 1.2
www.MonolithicPower.com
7
9/14/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
HVC
HV linear regulator input.
2
VSS
Ground. VSS is also used as a MOSFET source sense reference for VD.
3
SLEW
Programming for turn-on signal slew rate detection. SLEW prevents the SR controller
from turning on falsely by ringing below the turn-on threshold at VD in discontinuous
conduction mode (DCM) and quasi-resonant mode. Any signal slower than the pre-set
slew rate cannot turn on VG.
4
VDD
Linear regulator output. VDD is the supply of the MP6908.
5
VG
Gate drive output.
6
VD
MOSFET drain voltage sense.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14