전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP6908 데이터시트(PDF) 11 Page - Monolithic Power Systems

부품명 MP6908
상세설명  Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 데이터시트(HTML) 11 Page - Monolithic Power Systems

Back Button MP6908 Datasheet HTML 6Page - Monolithic Power Systems MP6908 Datasheet HTML 7Page - Monolithic Power Systems MP6908 Datasheet HTML 8Page - Monolithic Power Systems MP6908 Datasheet HTML 9Page - Monolithic Power Systems MP6908 Datasheet HTML 10Page - Monolithic Power Systems MP6908 Datasheet HTML 11Page - Monolithic Power Systems MP6908 Datasheet HTML 12Page - Monolithic Power Systems MP6908 Datasheet HTML 13Page - Monolithic Power Systems MP6908 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP6908- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6908 Rev. 1.2
www.MonolithicPower.com
11
9/14/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Figure 6-A shows HVC connected to VD. Here,
VDD
is
generated
and
regulated
at
9V.
VD
VSS
SLEW
VG
HVC
VDD
MP6908
Figure 6-A: High-Side Rectification, VDD
Regulated at 9V
Figure 6-B shows HVC connected to the
secondary ground through an external diode.
Here,
VDD
is
generated
from
HVC
and
regulated at 9V. The maximum voltage at HVC
can be calculated with Equation (2):
p
s
IN
HVC
N
N
V
V
(max)
(2)
VD
VSS
SLEW
VG
HVC
VDD
MP6908
Figure 6-B: High-Side Rectification, VDD
Regulated at 9V
HVC works the same as described above when
VHVC is below 4.7V since HVC is shorted to VSS
(see Figure 7). Here, VDD is generated by VDS
and regulated at 5V.
VD
VSS
SLEW
VG
HVC
VDD
MP6908
Figure 7: High-Side Rectification, VDD Regulated
at 5V
SR MOSFET Selection
Power MOSFET selection is a tradeoff between
the RDS(ON) and QG. To achieve higher efficiency,
the
MOSFET
with
the
smaller
RDS(ON) is
preferred. Typically, QG is usually larger with a
smaller RDS(ON), which makes the turn-on/turn-
off speed lower and leads to larger power loss
and driver loss. Because VDS is adjusted at
about -40mV during the driving period when the
switching current is fairly small, a MOSFET with
an RDS(ON) that is too low is not recommended
because the gate driver is pulled low when VDS
= -ISD x RDS(ON) becomes larger than -40mV.
The MOSFET
’s RDS(ON) does not contribute to
the conduction loss. The conduction loss is
PCON = -VDS x ISD ≈ ISD x 40mV.
To achieve fairly high use of the MOSFET
’s
RDS(ON), the MOSFET should be turned on
completely
for
at
least
50%
of
the
SR
conduction period. Calculate VDS with Equation
(3):
fwd
ON
DS
OUT
ON
DS
C
DS
V
R
D
I
R
I
V
)
(
)
(
/
(3)
Where VDS is drain-source voltage of the
MOSFET, D is the duty cycle of the secondary
side, IOUT is output current, and Vfwd is the
forward voltage threshold (~40mV).
Figure 8 shows the typical waveform of a
flyback application. Assume it has a 50% duty
cycle. The MOSFET
’s RDS(ON) is recommended
to be no lower than ~20/IOUT (mΩ). For example.
for a 5A application, the RDS(ON) should be no
lower than 4m
Ω.
Ipeak
SR Conduction Period
50% SR Conduction
Period
Ic
VGS
Ivalley
Ic≈(Ipeak+Ivalley)/2
IOUT≈Ic·D
ISD
Figure 8: Synchronous Rectification Typical
Waveforms in a Flyback Application
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For best results, refer to Figure 9,
Figure 10, Figure 11, and follow the guidelines
below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com