전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSL1101WBCW1JS2 데이터시트(PDF) 13 Page - Rohm

부품명 CSL1101WBCW1JS2
상세설명  White Surface Mount Chip LEDs with reflector featuring InGaN packed with resin containing phosphor.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

CSL1101WBCW1JS2 데이터시트(HTML) 13 Page - Rohm

Back Button CSL1101WBCW1JS2 Datasheet HTML 9Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 10Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 11Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 12Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 13Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 14Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 15Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 16Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
[CSL1101WBCW1]
    
[Data Sheet]
4-6. Reflow Profile
 
For reflow profile, please refer to the conditions below:(※)
・
Meaning of marks, Conditions
4-7. Attention Points in Soldering Operation
4-8. Cleaning after Soldering
 
Please follow the conditions below if the cleaning is necessary after soldering.
TL
Reference temperature
230~260℃
Mark
Meanings
Conditions
Tsmax
Maximum of pre-heating temperature
180℃
Tsmin
Minimum of pre-heating temperature
140℃
Ts
Time from Tsmin to Tsmax
Over 60 sec.
tL
Retention time for TL
Within 40 sec.
TP
Peak temperature
260℃(MAX.)
ITEM
RECOMMENDED CONDITION
 
Figure-1
tP
Time for peak temperature
Within 10 sec.
ΔTR/Δt
Temperature rising rate
Under 3ºC/sec.
ΔTD/Δt
Temperature decreasing rate
Within -3℃/sec.
※
Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and reflow furnaces before
using, because stress from circuit boards and temperature variations of reflow furnaces vary by customer’s own
conditions.
 
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. Incase of implementing manual soldering,
please take care of following points.
①
SOLDER USED
Sn-Cu, Sn-Ag-Cu, Sn-Ag-Bi-Cu
②
HAND SOLDERING CONDITION
LED products do not contain reinforcement material such as a glass fillers.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
a) Heating method
Condition ) Temp. of iron top less than
325 ℃ within 3 sec, up to 1 time.
Heating on PCB pattern, not direct to the
LED. (Fig-1)
b)
Handling after
soldering
Please handle after the part temp.
Goes down to room temp.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30℃ within 3 minutes
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
13/22
2024.6 - Rev.003
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com