전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSL1101WBCW1JS2 데이터시트(PDF) 3 Page - Rohm

부품명 CSL1101WBCW1JS2
상세설명  White Surface Mount Chip LEDs with reflector featuring InGaN packed with resin containing phosphor.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

CSL1101WBCW1JS2 데이터시트(HTML) 3 Page - Rohm

  CSL1101WBCW1JS2 Datasheet HTML 1Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 2Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 3Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 4Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 5Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 6Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 7Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 8Page - Rohm CSL1101WBCW1JS2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
[CSL1101WBCW1]
    
[Data Sheet]
(Ta=25℃, IF=5mA)
J
K
L
M
7. CHROMATICITY DIAGRAM
・
CHROMATICITY COORDIMATES *3
x
y
0.302
0.265
0.292
0.270
0.312
0.290
0.303
0.294
x
y
x
y
x
y
0.293
0.299
0.303
0.294
0.293
0.299
0.315
0.321
0.306
0.323
0.292
0.270
0.281
0.275
0.303
0.294
*1 : If the parts are used for Automotive & Industrial application (base station, smart meters, signal, etc. and social infrastructure),
Please contact ROHM, so that Automotive-graded parts w ill be introduced.
*2 : Absolute maximum rating is the limit w hich must not be exceeded even for an instant, once exceeded, LED device destruction might occur.
This is not the value that guarantees intensity of light life and other reliabilities.
Please refer to the derating data *4 & conducting test data, and make sure to keep the value w ithin absolute maximum rating w hile using.
*3 : If rank shift occur, w e may ask for re-approval of new rank w hen necessary.
*4 : Even w ithin derating, the reliability and luminosity life may be affected by deterioration of sealing resin and reflector, etc.
So please check w ith your application again.
0.312
0.290
0.303
0.294
0.324
0.318
0.315
0.321
Tolerance:±0.01
8. PRODUCT WEIGHT   Product weight per piece, approx 0.0019 grm.
9. MSL
   
Level 3
3/22
2024.6 - Rev.003
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com