| 전자부품 데이터시트 검색엔진 |
|
STAC9271 데이터시트(PDF) 130 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
STAC9271 데이터시트(HTML) 130 Page - Integrated Device Technology |
|
130 / 223 page ![]() STAC9271/9272/9273/9274 10-CHANNEL HIGH DEFINITION AUDIO CODEC PC AUDIO IDT™ 10-CHANNEL HIGH DEFINITION AUDIO CODEC 130 STAC9271/9272/9273/9274 V 1.0 MARCH2007 IDT CONFIDENTIAL 6.17.3. PortE ConLst 6.17.4. PortE ConLstEntry [2] PresDtctCap R 0x1 Pin complex can perform Presence Detect. [1] TrigRqd R 0x1 Trigger is required for impedance measurement [0] ImpSenseCap R 0x1 Pin complex supports impedance sense. Table 278. PortE ConLst Command Verb Format Verb ID Payload Response Get F00 0E See bitfield table. Table 279. PortE ConLst Command Response Format Bit Bitfield Name RW Reset Description [31.:8] Rsvd R 0x0 Reserved [7] LForm R 0x0 Connection list uses short-form (7-bit) NID entries. [6.:0] ConL R 0x01 Number of NID entries in connection list. Table 280. PortE ConLstEntry Command Verb Format Verb ID Payload Response Get F02 00 See bitfield table. Table 281. PortE ConLstEntry Command Response Format Bit Bitfield Name RW Reset Description [31.:24] ConL3 R 0x00 Unused list entry. [23.:16] ConL2 R 0x00 Unused list entry. [15.:8] ConL1 R 0x00 Unused list entry. [7.:0] ConL0 R 0x04 DAC2 Converter widget Table 277. PortE PinCap Command Response Format Bit Bitfield Name RW Reset Description |