전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STAC9271 데이터시트(PDF) 134 Page - Integrated Device Technology

부품명 STAC9271
상세설명  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 데이터시트(HTML) 134 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 130Page - Integrated Device Technology STAC9271 Datasheet HTML 131Page - Integrated Device Technology STAC9271 Datasheet HTML 132Page - Integrated Device Technology STAC9271 Datasheet HTML 133Page - Integrated Device Technology STAC9271 Datasheet HTML 134Page - Integrated Device Technology STAC9271 Datasheet HTML 135Page - Integrated Device Technology STAC9271 Datasheet HTML 136Page - Integrated Device Technology STAC9271 Datasheet HTML 137Page - Integrated Device Technology STAC9271 Datasheet HTML 138Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
134
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.18.2. PortF PinCap
[11]
SwapCap
R
0x0
No left/right channel swap capability
[10]
PwrCntrl
R
0x0
No support for Power State control
[9]
Dig
R
0x0
Widget supports an Analog stream
[8]
ConnList
R
0x1
Connection list is present
[7]
UnSolCap
R
0x1
Unsolicited Response is supported
[6]
ProcWidget
R
0x0
No Processing Controls parameter
[5]
Stripe
R
0x0
No support for striping
[4]
FormatOvrd
R
0x0
N/A for pin complex
[3]
AmpParOvrd
R
0x0
No amplifier info; use default amplifier
parameters from Audio Function node
instead
[2]
OutAmpPrsnt
R
0x0
No output amp
[1]
InAmpPrsnt
R
0x0
No input amp
[0]
Stereo
R
0x1
Stereo widget
Table 292. PortF PinCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
0C
See bitfield table.
Table 293. PortF PinCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:17]
Rsvd2
R
0x0
Reserved
[16]
EapdCap
R
0x0
This widget does not control EAPD pin
Table 291. PortF WCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More