| 전자부품 데이터시트 검색엔진 |
|
PM5366 데이터시트(PDF) 34 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366 데이터시트(HTML) 34 Page - PMC-Sierra, Inc |
|
34 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 22 5.2 DS3/E3 Framer Only Block Diagram Figure 5 shows the TEMAP-84 configured as a DS3 or E3 framer. In this mode the TEMAP-84 provides access up to three full DS3/E3 unchannelized payloads. The payload access (right side of diagram) has two clock and data interfacing modes, one utilizing a gapped clock to mask out the DS3/E3 overhead bits and the second utilizing an ungapped clock with overhead indications on a separate overhead signal. The SBI bus can also be used to provide access to the unchannelized DS3/E3. Figure 5 - DS3/E3 Framer Only Mode Block Diagram TCLK TPOS/TDAT TNEG/TMFP RCLK/VCLK RPOS/RDAT RNEG/RLCV TDATI TFP I/TMFP I RDATO RFPO/RMFPO ROVRHD TRAN DS3/E3 Transm it Fram er FRMR DS3/E3 Receive Fram er B3ZS/ HDB3 Encode B3ZS/ HDB3 Decode PMON Perf. Monitor RDLC Rx HDLC TDPR Tx HDLC TFPO/TMFPO/TGAPC LK RGAPCLK/RSCLK TICLK 3X |