전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM5366 데이터시트(PDF) 18 Page - PMC-Sierra, Inc

부품명 PM5366
상세설명  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PMC [PMC-Sierra, Inc]
홈페이지  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 데이터시트(HTML) 18 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 14Page - PMC-Sierra, Inc PM5366 Datasheet HTML 15Page - PMC-Sierra, Inc PM5366 Datasheet HTML 16Page - PMC-Sierra, Inc PM5366 Datasheet HTML 17Page - PMC-Sierra, Inc PM5366 Datasheet HTML 18Page - PMC-Sierra, Inc PM5366 Datasheet HTML 19Page - PMC-Sierra, Inc PM5366 Datasheet HTML 20Page - PMC-Sierra, Inc PM5366 Datasheet HTML 21Page - PMC-Sierra, Inc PM5366 Datasheet HTML 22Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
6
• Inserts valid H4 byte and all-zeros fixed stuff bytes. Remaining path overhead
bytes (J1, B3, C2,G1, F2, Z3, Z4, Z5) are set to all-zeros.
• Inserts valid pointers and all-zeros transport overhead bytes on the outgoing
Telecom Add bus, with valid control signals.
• Support in-band error reporting by updating the FEBE, RDI and auxiliary RDI bits
in the V5 byte with the status of the incoming stream and remote alarm pins.
• Calculates and inserts the tributary path BIP-2 error detection code for each
tributary.
Each one of three SONET/SDH VT/TU Mapper Sections:
• Inserts up to 28 bit asynchronous mapped VT1.5 virtual tributaries into an STS-1
SPE from T1 streams.
• Inserts up to 28 bit asynchronous mapped TU-11 tributary units into a STM-
1/VC4 TUG3 or STM-1/VC3 from T1 streams.
• Inserts up to 28 byte synchronous mapped VT1.5 virtual tributaries into an STS-1
SPE or TU-11 tributary units into an STM-1/VC3 or TUG3 from a STM-1/VC4.
• Inserts up to 21 bit asynchronous mapped VT2 virtual tributaries into an STS-1
SPE from E1 streams.
• Inserts up to 21 bit asynchronous mapped TU-12 tributary units into an STM-
1/VC4 TUG3 or STM-1/VC3 from E1 or T1 streams.
• Processes the tributary trace message (J2) of the tributaries carried in each
STS-1/TUG-3 synchronous payload envelope.
• Bit asynchronous mapping assigns stuff control bits for all streams independently
using an all digital control loop. Stuff control bits are dithered to produce
fractional mapping jitter at the receiving desynchronizer.
• Sets all fixed stuff bits for asynchronous mappings to zeros or ones per
microprocessor control
• Extracts up to 28 bit asynchronous mapped VT1.5 virtual tributaries from an
STS-1 SPE into T1 streams via an optional elastic store.
• Extracts up to 28 bit asynchronous mapped TU-11 tributary units from an STM-
1/VC4 TUG3 or STM-1/VC3 into T1 streams via an optional elastic store.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More