전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2E221 데이터시트(PDF) 50 Page - Texas Instruments

부품명 TUSB2E221
상세설명  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 데이터시트(HTML) 50 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 46Page - Texas Instruments TUSB2E221 Datasheet HTML 47Page - Texas Instruments TUSB2E221 Datasheet HTML 48Page - Texas Instruments TUSB2E221 Datasheet HTML 49Page - Texas Instruments TUSB2E221 Datasheet HTML 50Page - Texas Instruments TUSB2E221 Datasheet HTML 51Page - Texas Instruments TUSB2E221 Datasheet HTML 52Page - Texas Instruments TUSB2E221 Datasheet HTML 53Page - Texas Instruments TUSB2E221 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
10 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The TUSB2E221 can be used in either HOST or Peripheral implementation. The mode is configured by the
eUSB2 SoC.
10.2 Typical Application: Dual Port System
Repeater
APU
1k
1k
VDD18
SCL
SDA
GND
RESETB
VDD33
VDD18
0.1uF+
0.1uF+
VDD12
CROSS
VSS
CROSS
EQ0
VDD3V3
SCL
SDA
EQ2/INT
VDD1V8
VIOSEL
EQ1
RESETB
eDP0
eDN0
eDN1
eDP1
DPA
DNA
DNB
DPB
DP
DN
DP
Connector 1
Connector 2
DN
VBUS
VBUS
10k*
10k*
10k*
10k*
*Pullup and Pulldown
Resistor Op ons
See PHY con gura on
+ Decoupling capacitors of
0.1uF should be placed
less than 2mm from the
power supply balls.
10k*
10k*
0.1uF
(optional)
Figure 10-1. Typical Dual Port System Implementation with 1.8V and I2C
10.2.1 Design Requirements
The TUSB2E221 supports the eUSB2 specification. eUSB2 SoC must be compliant to the eUSB2 specification.
10.2.2 Detailed Design Procedure
The TUSB2E221 has multiple loss compensation settings for high-speed operation so make sure the selected
settings match the system loss profile to optimize jitter performance. USB 2.0 high speed eye diagram
measurements can be used as a guide to confirm the loss compensation is optimum for a given system.
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
www.ti.com
50
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com