전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2E221 데이터시트(PDF) 58 Page - Texas Instruments

부품명 TUSB2E221
상세설명  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 데이터시트(HTML) 58 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 54Page - Texas Instruments TUSB2E221 Datasheet HTML 55Page - Texas Instruments TUSB2E221 Datasheet HTML 56Page - Texas Instruments TUSB2E221 Datasheet HTML 57Page - Texas Instruments TUSB2E221 Datasheet HTML 58Page - Texas Instruments TUSB2E221 Datasheet HTML 59Page - Texas Instruments TUSB2E221 Datasheet HTML 60Page - Texas Instruments TUSB2E221 Datasheet HTML 61Page - Texas Instruments TUSB2E221 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 65 page
background image
www.ti.com
PACKAGE OUTLINE
3.1
2.9
3.1
2.9
0.7
0.5
2X 1.6
16X 0.4
2X 1.6
10X 0.7
0.5
10X 0.5
0.3
20X 0.25
0.15
0.01
0.00
(0.13) TYP
(0.095)
WQFN-FCRLF - 0.7 mm max height
VBW0020A
PLASTIC QUAD FLATPACK - NO LEAD
4230575/A 03/2024
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
(45 X 0.1)
SYMM
SYMM
1
5
6
10
11
15
16
20
21
0.1
C A B
0.05
C
SEE DETAIL A
SCALE 4.500
A60.000
DETAIL A
TYPICAL
A
B
C
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
www.ti.com
58
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com