전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NEX81801DA 데이터시트(PDF) 7 Page - Nexperia B.V. All rights reserved

부품명 NEX81801DA
상세설명  Adaptive Synchronous Rectifier (SR) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX81801DA 데이터시트(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button NEX81801DA Datasheet HTML 3Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 4Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 5Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 6Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 7Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 8Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 10Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Nexperia
NEX81801DA; NEX81802DA
Adaptive Synchronous Rectifier (SR) Controller
aaa-040616
-40
-10
20
50
80
110
140
50
60
70
80
90
100
T (°C)
Vfwd
Vfwd
(mV)
(mV)
VCC = 7 V, HV = 20 V
Fig. 9. HV maximum charging current vs. temperature
8.7. Typical waveforms
Table 10. Typical waveforms
VGS 5 V/div
VCC 5 V/div
VDS 20 V/div
aaa-040718
VIN = 110VAC, VOUT = 20 V, IOUT = 3.25 A
High-side, HV connected to VD
Fig. 10. Operation in 65 W flyback application
VGS 5 V/div
VCC 5 V/div
VDS 20 V/div
aaa-040719
VIN = 230VAC, VOUT = 20 V, IOUT = 3.25 A
High-side, HV connected to VD
Fig. 11. Operation in 65 W flyback application
VGS 5 V/div
VCC 5 V/div
VDS 20 V/div
aaa-040720
VIN = 110VAC, VOUT = 20 V, IOUT = 0.325 A
High-side, HV connected to VD
Fig. 12. Operation in 65 W flyback application
VGS 5 V/div
VCC 5 V/div
VDS 20 V/div
aaa-040721
VIN = 230VAC, VOUT = 20 V, IOUT = 0.325 A
High-side, HV connected to VD
Fig. 13. Operation in 65 W flyback application
NEX81801_2DA
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 30 September 2024
7 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com