전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NEX81801DA 데이터시트(PDF) 2 Page - Nexperia B.V. All rights reserved

부품명 NEX81801DA
상세설명  Adaptive Synchronous Rectifier (SR) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX81801DA 데이터시트(HTML) 2 Page - Nexperia B.V. All rights reserved

  NEX81801DA Datasheet HTML 1Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 2Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 3Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 4Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 5Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 6Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 7Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 8Page - Nexperia B.V. All rights reserved NEX81801DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Nexperia
NEX81801DA; NEX81802DA
Adaptive Synchronous Rectifier (SR) Controller
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
NEX81801DA
-40 °C to +125 °C
TSOT23-6FC Plastic, surface-mounted package; 6 leads
SOT8061-1
NEX81802DA
-40 °C to +125 °C
TSOT23-6FC Plastic, surface-mounted package; 6 leads
SOT8061-1
5. Marking
Table 2. Marking code
Type number
Marking code
NEX81801DA
ND3
NEX81802DA
ND4
6. Device comparison
Table 3. Device comparison
Type number
Turn on blanking time (CSET not installed)
NEX81801DA
1.0 μs
NEX81802DA
0.5 μs
7. Pinning information
7.1. Pinning
DA package
SOT8061-1 (TSOT23-6)
1
2
3
6
5
4
HV
VS
RSET
VD
GT
VCC
aaa-039901
NEX81801_2DA
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 30 September 2024
2 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com