전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F103C8T6 데이터시트(PDF) 59 Page - STMicroelectronics

부품명 STM32F103C8T6
상세설명  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8T6 데이터시트(HTML) 59 Page - STMicroelectronics

Back Button STM32F103C8T6 Datasheet HTML 55Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 56Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 57Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 58Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 59Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 60Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 61Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 62Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
STM32F103xx
Package characteristics
59/67
6
Package characteristics
Figure 27.
LFBGA100 - low profile fine pitch ball grid array package outline
Table 42.
LFBGA100 - low profile fine pitch ball grid array package mechanical data
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.700
0.067
A1
0.270
0.011
A2
1.085
0.043
A3
0.30
0.012
A4
0.80
0.031
b
0.45
0.50
0.55
0.018
0.020
0.022
D
9.85
10.00
10.15
0.388
0.394
0.40
D1
7.20
0.283
E
9.85
10.00
10.15
0.388
0.394
0.40
E1
7.20
0.283
e
0.80
0.031
F
1.40
0.055
ddd
0.12
0.005
eee
0.15
0.006
fff
0.08
0.003
N (number of balls)
100
ai14396
A2 A4 A3
A1
A
Seating plane
B
A1 corner index area
(see note 5)
(100 balls)
Bottom view
123456789 10
F
E1
E
e
A
D
D1
e
F
K
J
H
G
F
E
D
C
B
A
ddd C
C
eee
fff
CA B
C
M
M
∅
∅
b
∅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67