전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS8H100G 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STPS8H100G
상세설명  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100G 데이터시트(HTML) 4 Page - STMicroelectronics

  STPS8H100G Datasheet HTML 1Page - STMicroelectronics STPS8H100G Datasheet HTML 2Page - STMicroelectronics STPS8H100G Datasheet HTML 3Page - STMicroelectronics STPS8H100G Datasheet HTML 4Page - STMicroelectronics STPS8H100G Datasheet HTML 5Page - STMicroelectronics STPS8H100G Datasheet HTML 6Page - STMicroelectronics STPS8H100G Datasheet HTML 7Page - STMicroelectronics STPS8H100G Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STPS8H100D/F/G/R/FP
4/8
1
10
100
100
200
500
1000
VR(V)
C(nF)
F=1MHz
Tj=25°C
Fig. 6: Junction capacitance versus reverse volt-
age applied (typical values).
0
4
8
12
16
20
24
28
32
36
40
0
10
20
30
40
50
60
70
80
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 8: Thermal resistance junction to ambient ver-
sus copper surface under tab (Epoxy printed cir-
cuit board FR4, copper thickness: 35
µm)(D2PAK).
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.1
1.0
10.0
50.0
VFM(V)
IFM(A)
Tj=25°C
Tj=125°C
Fig. 7: Forward voltage drop versus forward cur-
rent (maximum values).



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com