전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS8H100G 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STPS8H100G
상세설명  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100G 데이터시트(HTML) 5 Page - STMicroelectronics

  STPS8H100G Datasheet HTML 1Page - STMicroelectronics STPS8H100G Datasheet HTML 2Page - STMicroelectronics STPS8H100G Datasheet HTML 3Page - STMicroelectronics STPS8H100G Datasheet HTML 4Page - STMicroelectronics STPS8H100G Datasheet HTML 5Page - STMicroelectronics STPS8H100G Datasheet HTML 6Page - STMicroelectronics STPS8H100G Datasheet HTML 7Page - STMicroelectronics STPS8H100G Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS8H100D/F/G/R/FP
5/8
PACKAGE MECHANICAL DATA
TO-220AC
A
C
D
E
M
L7
H2
Ø I
L5
L6
L9
L4
G
F1
F
L2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
H2
10.00
10.40
0.393
0.409
L2
16.40 typ.
0.645 typ.
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam. I
3.75
3.85
0.147
0.151
PACKAGE MECHANICAL DATA
ISOWATT220AC
F
G
F1
H
D
E
A
B
L7
L2
L6
L3
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60 0.173
0.181
B
2.50
2.70 0.098
0.106
D
2.40
2.75 0.094
0.108
E
0.40
0.70 0.016
0.028
F
0.75
1.00 0.030
0.039
F1
1.15
1.70 0.045
0.067
G
4.95
5.20 0.195
0.205
H
10.00
10.40 0.394
0.409
L2
16.00
0.630
L3
28.60
30.60 1.125
1.205
L6
15.90
16.40 0.626
0.646
L7
9.00
9.30 0.354
0.366
Diam
3.00
3.20 0.118
0.126



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com