전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST16C550IP40 데이터시트(PDF) 29 Page - SYC Electronica

부품명 ST16C550IP40
상세설명  UART WITH 16-BYTE FIFO’s
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYC [SYC Electronica]
홈페이지  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ST16C550IP40 데이터시트(HTML) 29 Page - SYC Electronica

Back Button ST16C550IP40 Datasheet HTML 25Page - SYC Electronica ST16C550IP40 Datasheet HTML 26Page - SYC Electronica ST16C550IP40 Datasheet HTML 27Page - SYC Electronica ST16C550IP40 Datasheet HTML 28Page - SYC Electronica ST16C550IP40 Datasheet HTML 29Page - SYC Electronica ST16C550IP40 Datasheet HTML 30Page - SYC Electronica ST16C550IP40 Datasheet HTML 31Page - SYC Electronica ST16C550IP40 Datasheet HTML 32Page - SYC Electronica ST16C550IP40 Datasheet HTML 33Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
ST16C550
29
Rev. 4.30
Receive ready timing in FIFO mode
STOP
BIT
PARITY
BIT
DATA BITS (5-8)
D0
D1
D2
D3
D4
D5
D6
D7
START
BIT
RX
First byte
that reaches
the trigger
level
-RXRDY
-IOR
IOR
T25d
T26d
X550-RX-3
Active
Data
Ready
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34