| 전자부품 데이터시트 검색엔진 |
|
ST16C550IP40 데이터시트(PDF) 7 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
ST16C550IP40 데이터시트(HTML) 7 Page - SYC Electronica |
|
7 / 34 page ![]() ST16C550 7 Rev. 4.30 Symbol Pin Signal Pin Description 40 44 48 type SYMBOL DESCRIPTION -CTS 36 40 38 I Clear to Send (active low) - A logic 0 on the -CTS pin indicates the modem or data set is ready to accept transmit data from the ST16C550. Status can be tested by reading MSR bit-4. This pin has no effect on the UART’s transmit or receive operation. -DSR 37 41 39 I Data Set Ready (active low) - A logic 0 on this pin indicates the modem or data set is powered-on and is ready for data exchange with the UART. This pin has no effect on the UART’s transmit or receive operation. -DTR 33 37 33 O Data Terminal Ready (active low) - A logic 0 on this pin indicates that the ST16C550 is powered-on and ready. This pin can be controlled via the modem control register. Writing a logic 1 to MCR bit-0 will set the -DTR output to logic 0, enabling the modem. This pin will be a logic 1 after writing a logic 0 to MCR bit-0, or after a reset. This pin has no effect on the UART’s transmit or receive operation. -RI 39 43 41 I Ring Indicator (active low) - A logic 0 on this pin indicates the modem has received a ringing signal from the telephone line. A logic 1 transition on this input pin will generate an interrupt. -RTS 32 36 32 O Request to Send (active low) - A logic 0 on the -RTS pin indicates the transmitter has data ready and waiting to send. Writing a logic 1 in the modem control register (MCR bit-1) will set this pin to a logic 0 indicating data is available. After a reset this pin will be set to a logic 1. This pin has no effect on the UART’s transmit or receive operation. RX 10 11 7 I Receive Data - This pin provides the serial receive data input to the ST16C550. A logic 1 indicates no data or an idle channel. During the local loop-back mode, the RX input pin is disabled and TX data is internally connected to the UART RX Input, internally, see figure 12. TX 11 13 8 O Transmit Data - This pin provides the serial transmit data from the ST16C550, the TX signal will be a logic 1 during reset, idle (no data). During the local loop-back mode, the TX pin is set to a logic 1 and TX data is internally connected to the UART RX Input, see figure 12. |