전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5323K034B 데이터시트(PDF) 6 Page - RICOH electronics devices division

부품명 R5323K034B
상세설명  150mA 2ch LDO REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICOH [RICOH electronics devices division]
홈페이지  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323K034B 데이터시트(HTML) 6 Page - RICOH electronics devices division

Back Button R5323K034B Datasheet HTML 2Page - RICOH electronics devices division R5323K034B Datasheet HTML 3Page - RICOH electronics devices division R5323K034B Datasheet HTML 4Page - RICOH electronics devices division R5323K034B Datasheet HTML 5Page - RICOH electronics devices division R5323K034B Datasheet HTML 6Page - RICOH electronics devices division R5323K034B Datasheet HTML 7Page - RICOH electronics devices division R5323K034B Datasheet HTML 8Page - RICOH electronics devices division R5323K034B Datasheet HTML 9Page - RICOH electronics devices division R5323K034B Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
R5323x
6
• Electrical Characteristics by Output Voltage
Dropout Voltage VDIF (V)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
VOUT
=1.5
0.38
0.70
VOUT
=1.6
0.35
0.65
VOUT
=1.7
0.33
0.60
1.8V <
= VOUT <
= 2.0V
0.32
0.55
2.1V <
= VOUT <
= 2.7V
0.28
0.50
2.8V <
= VOUT <
= 4.0V
IOUT
=150mA
0.22
0.35
TYPICAL APPLIATION
OUT2
OUT1
IN
VOUT2
VOUT1
GND
CE1
CE2
VDD
R5323x
Series
C3
C2
C1
(External Components)
Ceramic Capacitor Type C1,C2,C3
Recommended Ceramic capacitor for Output: GRM219R61A105K (Murata)
General Example of External Components
Ceramic Capacitors: C1608X5R0J105K (TDK)
GRM188R60J105K (Murata)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com