전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS3435CAEBJDDFR 데이터시트(PDF) 13 Page - Texas Instruments

부품명 TPS3435CAEBJDDFR
상세설명  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS3435CAEBJDDFR 데이터시트(HTML) 13 Page - Texas Instruments

Back Button TPS3435CAEBJDDFR Datasheet HTML 9Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 10Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 11Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 12Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 13Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 14Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 15Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 16Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
6.9 Typical Characteristics
all curves are taken at TA = 25°C (unless otherwise noted)
Ambient Te mperature (
C)
-40
-7
26
59
92
125
-1
-0.5
0
0.5
1
Device1
Device2
Device3
Figure 6-2. VIT- Accuracy vs Temperature
VIT- Accuracy (%)
0
12
24
36
48
60
-0.5 -0.4 -0.3 -0.2 -0.1
0
0.1
0.2
0.3
0.4
0.5
Figure 6-3. VIT- Accuracy Histogram
Ambient Te mperature (
C)
-40
-7
26
59
92
125
4.5
4.7
4.9
5.1
5.3
5.5
Device1
Device2
Device3
Figure 6-4. VIT- Hysteresis Vs Temperature
Overdrive (%)
0
10
20
30
40
50
10
15
20
25
30
TA = 25C
TA = 125C
TA = −40C
Figure 6-5. Supply Glitch Immunity vs Overdrive
Ambient Te mperature (
C)
-40
-7
26
59
92
125
-10
-5
0
5
10
Device lot 1
Device lot 2
Device lot 3
Figure 6-6. Timer Accuracy vs Temperature
Time Accuracy (%)
0
12
24
36
48
60
-5
-4
-3
-2
-1
0
1
2
3
4
5
Figure 6-7. Timer Accuracy Histogram
www.ti.com
TPS35-Q1
SLVSGE8B – NOVEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com