전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS3435CAEBJDDFR 데이터시트(PDF) 21 Page - Texas Instruments

부품명 TPS3435CAEBJDDFR
상세설명  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS3435CAEBJDDFR 데이터시트(HTML) 21 Page - Texas Instruments

Back Button TPS3435CAEBJDDFR Datasheet HTML 17Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 18Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 19Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 20Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 21Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 22Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 23Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 24Page - Texas Instruments TPS3435CAEBJDDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
The device enters watchdog monitoring phase after the device exits the tSD frame.
Failure to provide one of the exit condition within tSD triggers the watchdog error by asserting the WDO output
pin for tD, this is observed in Figure 7-8. For devices with only RESET output, the RESET pin is asserted.
The tSD frame is not initiated when the watchdog functionality is enabled using WD-EN pin or SET[1:0] pin
combination as described in Section 7.3.2.2 section.
Figure 7-8 shows the operation for tSD time frame.
VDD
WDI
Ignore
ttSDt
ttDt
VPOR
VIT+
ttWDt
ttWDt
ttSDt
Ignore
tSTRT + tD
WDO
RESET
Devices with only RESET output, the output will be AND
operation of RESET and WDO signals.
Figure 7-8. tSD Frame Behavior
7.3.2.4 SET Pin Behavior
The TPS35-Q1 offers one or two SET pins based on the pinout option selected. SET pins offer flexibility to the
user to program the tWD timer on the fly to meet various application requirements. Typical use cases where SET
pin can be used are:
• Use wide timeout timer when host is in sleep mode, change to small timeout operation when host is
operational. Watchdog can be used to wake up the host after long duration to perform the application related
activities before going back to sleep.
• Change to wide timeout timer when performing system critical tasks to make sure the watchdog does not
interrupt the critical task. Change timer to application specified interval after the critical task is complete.
The tWD timer value for the device is combination of timer selection based on the CWD pin or fixed timer value
along with SET pin logic level. The base tWD timer value is decided based on the Watchdog Time selector in
the Section 4 section. The SET pin logic level is decoded during the device power up. The SET pin value can
be changed any time during the operation. SETx pin change which leads to change of watchdog timer value
or enable disable state, terminates the ongoing watchdog frame immediately. SETx pins can be updated when
WDO or RESET output is asserted as well. The updated tWD timer value is going be applied after output is
deasserted and the tSD timer is over or terminated.
For a pinout which offers only SET0 pin to the user, the tWD multiplier value is decided based on the Watchdog
Time Scaling selector in the Section 4 section. Table 7-1 showcases an example of the tWD values for different
SET0 logic levels when using Watchdog Time setting as option D = 10ms.
www.ti.com
TPS35-Q1
SLVSGE8B – NOVEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com