| 전자부품 데이터시트 검색엔진 |
|
841.310 데이터시트(PDF) 4 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
841.310 데이터시트(HTML) 4 Page - France Joint |
|
4 / 5 page ![]() | DIMENSIONS Part number Bore diameter Ød1 H9 Groove diameter Ød1 h9 Groove width L1 0/+0.20 843.008 8.00 3.10 2.20 843.009 9.00 4.10 2.20 843.010 10.00 5.10 2.20 843.012 12.00 7.10 2.20 841.014 14.00 6.50 3.20 843.014 14.00 9.10 2.20 841.015 15.00 7.50 3.20 843.015 15.00 10.10 2.20 841.016 16.00 8.50 3.20 843.016 16.00 11.10 2.20 841.018 18.00 10.50 3.20 843.018 18.00 13.10 2.20 841.020 20.00 12.50 3.20 843.020 20.00 15.10 2.20 841.022 22.00 14.50 3.20 843.022 22.00 17.10 2.20 841.025 25.00 17.50 3.20 843.025 25.00 20.10 2.20 841.028 28.00 20.50 3.20 843.028 28.00 23.10 2.20 841.030 30.00 22.50 3.20 843.030 30.00 25.10 2.20 841.032 32.00 24.50 3.20 843.032 32.00 27.10 2.20 841.035 35.00 27.50 3.20 843.035 35.00 30.10 2.20 841.038 38.00 30.50 3.20 843.038 38.00 33.10 2.20 841.040 40.00 29.00 4.20 843.040 40.00 32.50 3.20 841.042 42.00 31.00 4.20 843.042 42.00 34.50 3.20 841.045 45.00 34.00 4.20 843.045 45.00 37.50 3.20 841.048 48.00 37.00 4.20 843.048 48.00 40.50 3.20 841.050 50.00 39.00 4.20 843.050 50.00 42.50 3.20 841.052 52.00 41.00 4.20 843.052 52.00 44.50 3.20 841.055 55.00 44.00 4.20 843.055 55.00 47.50 3.20 841.058 58.00 47.00 4.20 843.058 58.00 50.50 3.20 841.060 60.00 49.00 4.20 843.060 60.00 52.50 3.20 841.062 62.00 51.00 4.20 843.062 62.00 54.50 3.20 841.063 63.00 52.00 4.20 843.063 63.00 55.50 3.20 841.065 65.00 54.00 4.20 843.065 65.00 57.50 3.20 841.070 70.00 59.00 4.20 843.070 70.00 62.50 3.20 841.072 72.00 61.00 4.20 843.072 72.00 64.50 3.20 841.075 75.00 64.00 4.20 843.075 75.00 67.50 3.20 841.078 78.00 67.00 4.20 843.078 78.00 70.50 3.20 841.080 80.00 64.50 6.30 843.080 80.00 69.00 4.20 Part number Bore diameter Ød1 H9 Groove diameter Ød1 h9 Groove width L1 0/+0.20 841.082 82.00 66.50 6.30 843.082 82.00 71.00 4.20 841.085 85.00 69.50 6.30 843.085 85.00 74.00 4.20 841.090 90.00 74.50 6.30 843.090 90.00 79.00 4.20 841.095 95.00 79.50 6.30 843.095 95.00 84.00 4.20 841.100 100.00 84.50 6.30 843.100 100.00 89.00 4.20 841.105 105.00 89.50 6.30 843.105 105.00 94.00 4.20 841.110 110.00 94.50 6.30 843.110 110.00 99.00 4.20 841.115 115.00 99.50 6.30 843.115 115.00 104.00 4.20 841.120 120.00 104.50 6.30 843.120 120.00 109.00 4.20 841.125 125.00 109.50 6.30 843.125 125.00 114.00 4.20 841.130 130.00 114.50 6.30 843.130 130.00 119.00 4.20 841.135 135.00 114.00 8.10 843.135 135.00 119.50 6.30 841.140 140.00 119.00 8.10 843.140 140.00 124.50 6.30 841.145 145.00 124.00 8.10 843.145 145.00 129.50 6.30 841.150 150.00 129.00 8.10 843.150 150.00 134.50 6.30 841.155 155.00 134.00 8.10 843.155 155.00 139.50 6.30 841.160 160.00 139.00 8.10 843.160 160.00 144.50 6.30 841.165 165.00 144.00 8.10 843.165 165.00 149.50 6.30 841.170 170.00 149.00 8.10 843.170 170.00 154.50 6.30 841.175 175.00 154.00 8.10 843.175 175.00 159.50 6.30 841.180 180.00 159.00 8.10 843.180 180.00 164.50 6.30 841.190 190.00 169.00 8.10 843.190 190.00 174.50 6.30 841.200 200.00 179.00 8.10 843.200 200.00 184.50 6.30 841.210 210.00 189.00 8.10 843.210 210.00 194.50 6.30 841.220 220.00 199.00 8.10 843.220 220.00 204.50 6.30 841.230 230.00 209.00 8.10 843.230 230.00 214.50 6.30 841.240 240.00 219.00 8.10 843.240 240.00 224.50 6.30 841.250 250.00 229.00 8.10 843.250 250.00 234.50 6.30 841.260 260.00 239.00 8.10 843.260 260.00 244.50 6.30 841.270 270.00 249.00 8.10 843.270 270.00 254.50 6.30 841.280 280.00 259.00 8.10 843.280 280.00 264.50 6.30 ROTARY SEALS | ROTO SEALS | BECA 841 - 843 www.francejoint.com |