| 전자부품 데이터시트 검색엔진 |
|
841.310 데이터시트(PDF) 5 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
841.310 데이터시트(HTML) 5 Page - France Joint |
|
5 / 5 page ![]() Part number Bore diameter Ød1 H9 Groove diameter Ød1 h9 Groove width L1 0/+0.20 841.290 290.00 269.00 8.10 843.290 290.00 274.50 6.30 841.300 300.00 279.00 8.10 843.300 300.00 284.50 6.30 841.310 310.00 289.00 8.10 843.310 310.00 294.50 6.30 841.320 320.00 299.00 8.10 843.320 320.00 304.50 6.30 841.330 330.00 302.00 9.50 843.330 330.00 309.00 8.10 841.340 340.00 312.00 9.50 843.340 340.00 319.00 8.10 841.350 350.00 322.00 9.50 843.350 350.00 329.00 8.10 841.360 360.00 332.00 9.50 843.360 360.00 339.00 8.10 841.370 370.00 342.00 9.50 843.370 370.00 349.00 8.10 841.380 380.00 352.00 9.50 843.380 380.00 359.00 8.10 841.390 390.00 362.00 9.50 843.390 390.00 369.00 8.10 841.400 400.00 372.00 9.50 843.400 400.00 379.00 8.10 841.410 410.00 382.00 9.50 843.410 410.00 389.00 8.10 841.420 420.00 392.00 9.50 843.420 420.00 399.00 8.10 Part number Bore diameter Ød1 H9 Groove diameter Ød1 h9 Groove width L1 0/+0.20 841.430 430.00 402.00 9.50 843.430 430.00 409.00 8.10 841.440 440.00 412.00 9.50 843.440 440.00 419.00 8.10 841.450 450.00 422.00 9.50 843.450 450.00 429.00 8.10 841.460 460.00 432.00 9.50 843.460 460.00 439.00 8.10 841.470 470.00 442.00 9.50 843.470 470.00 449.00 8.10 841.480 480.00 452.00 9.50 843.480 480.00 459.00 8.10 841.490 490.00 462.00 9.50 843.490 490.00 469.00 8.10 841.500 500.00 472.00 9.50 843.500 500.00 479.00 8.10 841.550 550.00 522.00 9.50 843.550 550.00 529.00 8.10 841.600 600.00 572.00 9.50 843.600 600.00 579.00 8.10 841.650 650.00 622.00 9.50 843.650 650.00 629.00 8.10 843.700 700.00 672.00 9.50 843.750 750.00 722.00 9.50 843.800 800.00 772.00 9.50 843.850 850.00 822.00 9.50 843.900 900.00 872.00 9.50 843.950 950.00 922.00 9.50 The figures highlighted in bold correspond to the bore diameters that are recommended by standard ISO 3320. Other intermediate sizes can be provided. ROTARY SEALS | ROTO SEALS | BECA 841 - 843 FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France Ph. +33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com |