전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F342CES 데이터시트(PDF) 17 Page - fujitsu semiconductor

부품명 MB90F342CES
상세설명  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F342CES 데이터시트(HTML) 17 Page - fujitsu semiconductor

Back Button MB90F342CES Datasheet HTML 13Page - fujitsu semiconductor MB90F342CES Datasheet HTML 14Page - fujitsu semiconductor MB90F342CES Datasheet HTML 15Page - fujitsu semiconductor MB90F342CES Datasheet HTML 16Page - fujitsu semiconductor MB90F342CES Datasheet HTML 17Page - fujitsu semiconductor MB90F342CES Datasheet HTML 18Page - fujitsu semiconductor MB90F342CES Datasheet HTML 19Page - fujitsu semiconductor MB90F342CES Datasheet HTML 20Page - fujitsu semiconductor MB90F342CES Datasheet HTML 21Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
MB90340E Series
17
(Continued)
*1 : FPT-100P-M06
*2 : FPT-100P-M05
*3 : For I/O circuit type, refer to “
■ I/O CIRCUIT TYPE”.
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
96
94
P17
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD15
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.
97 to 100
95 to 98
P20 to P23
G
General purpose I/O pins. The register can be set to select
whether to use a pull-up resistor.In external bus mode, the pin
is enabled as a general-purpose I/O port when the
corresponding bit in the external address output control
register (HACR) is 1.
A16 to A19
Output pins of the external address bus. When the
corresponding bit in the external address output control
register (HACR) is 0, the pins are enabled as high address
output pins (A16 to A19).
PPG9,PPGB,
PPGD,PPGF
Output pins for PPGs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com