전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F342CES 데이터시트(PDF) 23 Page - fujitsu semiconductor

부품명 MB90F342CES
상세설명  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F342CES 데이터시트(HTML) 23 Page - fujitsu semiconductor

Back Button MB90F342CES Datasheet HTML 19Page - fujitsu semiconductor MB90F342CES Datasheet HTML 20Page - fujitsu semiconductor MB90F342CES Datasheet HTML 21Page - fujitsu semiconductor MB90F342CES Datasheet HTML 22Page - fujitsu semiconductor MB90F342CES Datasheet HTML 23Page - fujitsu semiconductor MB90F342CES Datasheet HTML 24Page - fujitsu semiconductor MB90F342CES Datasheet HTML 25Page - fujitsu semiconductor MB90F342CES Datasheet HTML 26Page - fujitsu semiconductor MB90F342CES Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
MB90340E Series
23
5.
Sequence for Turning On the Power Supply to the A/D Converter and Analog Inputs
Make sure to turn on the A/D converter power supply (AVCC, AVRH, AVRL) and analog inputs (AN0 to AN23)
after turning-on the digital power supply (VCC).
Turn-off the digital power after turning off the A/D converter supply and analog inputs. In this case, make sure
that the voltage does not exceed AVRH or AVCC (turning on/off the analog and digital power supplies simulta-
neously is acceptable).
6.
Connection of Unused A/D Converter Pins when the A/D Converter is Used
Connect unused pins of A/D converter to AVCC
= VCC, AVSS = AVRH = AVRL = VSS.
7.
Crystal Oscillator Circuit
The X0, X1 pins and X0A, X1A pins may be possible causes of abnormal operation. Make sure to provide bypass
capacitors via the shortest distance from X0, X1 pins and X0A, X1A pins, crystal oscillator (or ceramic oscillator)
and ground lines, and make sure, to the utmost effort, that the oscillation circuit lines do not cross the lines of
other circuits. It is highly recommended to provide a printed circuit board art work surrounding X0, X1 pins and
X0A, X1A pins with a ground area for stabilizing the operation.
For each of the mass-production products, request an oscillator evaluation from the manufacturer of the oscillator
you are using.
8.
Pull-up/down resistors
The MB90340E Series does not support internal pull-up/down resistors (except for the pull-up resistors built into
ports 0 to 3). Use external components where needed.
9.
Using external clock
To use an external clock, drive the X0 pin and leave the X1 pin open.
10. Precautions when not using a sub clock signal
If you do not connect pins X0A and X1A to an oscillator, use pull-down handling on the X0A pin, and leave the
X1A pin open.
11. Notes on operation in PLL clock mode
If PLL clock mode is selected, the microcontroller attempt to be working with the self-oscillating circuit even when
there is no external oscillator or the external clock input is stopped. Performance of this operation, however,
cannot be guaranteed.
12. Notes on Power-On
To prevent the internal regulator circuit from malfunctioning, set the voltage rise time during power-on to 50
µs
or more (0.2 V to 2.7 V)
X0
X1
MB90340E Series
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com