전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72324BK 데이터시트(PDF) 81 Page - STMicroelectronics

부품명 ST72324BK
상세설명  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK 데이터시트(HTML) 81 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 77Page - STMicroelectronics ST72324BK Datasheet HTML 78Page - STMicroelectronics ST72324BK Datasheet HTML 79Page - STMicroelectronics ST72324BK Datasheet HTML 80Page - STMicroelectronics ST72324BK Datasheet HTML 81Page - STMicroelectronics ST72324BK Datasheet HTML 82Page - STMicroelectronics ST72324BK Datasheet HTML 83Page - STMicroelectronics ST72324BK Datasheet HTML 84Page - STMicroelectronics ST72324BK Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 188 page
background image
ST72324B
On-chip peripherals
81/188
Figure 48.
Pulse width modulation mode timing example with two output compare
functions(1)(2)
1.
OC1R = 2ED0h, OC2R = 34E2, OLVL1 = 0, OLVL2 = 1
2.
On timers with only one Output Compare register, a fixed frequency PWM signal can be generated using
the output compare and the counter overflow to define the pulse length.
Pulse Width Modulation mode
Pulse Width Modulation (PWM) mode enables the generation of a signal with a frequency
and pulse length determined by the value of the OC1R and OC2R registers.
Pulse Width Modulation mode uses the complete Output Compare 1 function plus the
OC2R register, and so this functionality can not be used when PWM mode is activated.
In PWM mode, double buffering is implemented on the output compare registers. Any new
values written in the OC1R and OC2R registers are taken into account only at the end of the
PWM period (OC2) to avoid spikes on the PWM output pin (OCMP1).
Procedure
To use Pulse Width Modulation mode:
1.
Load the OC2R register with the value corresponding to the period of the signal using
the formula below.
2.
Load the OC1R register with the value corresponding to the period of the pulse if
(OLVL1 = 0 and OLVL2 = 1) using the formula in the opposite column.
3.
Select the following in the CR1 register:
–
Using the OLVL1 bit, select the level to be applied to the OCMP1 pin after a
successful comparison with the OC1R register.
–
Using the OLVL2 bit, select the level to be applied to the OCMP1 pin after a
successful comparison with the OC2R register.
4.
Select the following in the CR2 register:
–
Set OC1E bit: the OCMP1 pin is then dedicated to the output compare 1 function.
–
Set the PWM bit.
–
Select the timer clock (CC[1:0]) (see Table 49).
Counter 34E2
34E2
FFFC
OLVL2
OLVL2
OLVL1
OCMP1
compare2
compare1
compare2
FFFC FFFD FFFE
2ED0
2ED1 2ED2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com