전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AR679 데이터시트(PDF) 1 Page - Power Semiconductors

부품명 AR679
상세설명  RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POSEICO [Power Semiconductors]
홈페이지  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR679 데이터시트(HTML) 1 Page - Power Semiconductors

  AR679 Datasheet HTML 1Page - Power Semiconductors AR679 Datasheet HTML 2Page - Power Semiconductors AR679 Datasheet HTML 3Page - Power Semiconductors AR679 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RECTIFIER DIODE
AR679
Repetitive voltage up to
4500 V
Mean forward current
3025 A
Surge current
30 kA
TARGET SPECIFICATION
nov 02 - ISSUE : 03
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
150
4500
V
V RSM
Non-repetitive peak reverse voltage
150
4600
V
I RRM
Repetitive peak reverse current
V=VRRM
150
150
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin ,50 Hz, Th=55°C, double side cooled
3025
A
I F (AV)
Mean forward current
180° sin ,50 Hz, Tc=85°C, double side cooled
2785
A
I FSM
Surge forward current
Sine wave, 10 ms
150
30
kA
I² t
I² t
without reverse voltage
4500 x 1E3
A²s
V FM
Forward voltage
Forward current =
2000 A
150
1.15
V
V F(TO)
Threshold voltage
150
0.75
V
r F
Forward slope resistance
150
0.200
mohm
SWITCHING
t rr
Reverse recovery time
µs
Q rr
Reverse recovery charge
150
µC
I rr
Peak reverse recovery current
A
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
14
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
3
°C/kW
T j
Operating junction temperature
-30 / 150
°C
F
Mounting force
35.0
/ 40.0
kN
Mass
850
g
ORDERING INFORMATION : AR679 S 45
standard specification
VRRM/100
POSEICO SPA
Via N. Lorenzi 8, 16152 Genova - ITALY
Tel. ++ 39 010 6556234 - Fax ++ 39 010 6557519
Sales Office:
Tel. ++ 39 010 6556775 - Fax ++ 39 010 6442510
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO


유사한 부품 번호 - AR679

제조업체부품명데이터시트상세설명
logo
FLEXTRAL
AR67 FLEXTRAL-AR67 Datasheet
319Kb / 1P
300 PSI Air
V04.21
AR67-075 FLEXTRAL-AR67-075 Datasheet
319Kb / 1P
300 PSI Air
V04.21
AR67-100 FLEXTRAL-AR67-100 Datasheet
319Kb / 1P
300 PSI Air
V04.21
AR67-150 FLEXTRAL-AR67-150 Datasheet
319Kb / 1P
300 PSI Air
V04.21
AR67-200 FLEXTRAL-AR67-200 Datasheet
319Kb / 1P
300 PSI Air
V04.21
More results

유사한 설명 - AR679

제조업체부품명데이터시트상세설명
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com