전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AR679 데이터시트(PDF) 3 Page - Power Semiconductors

부품명 AR679
상세설명  RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POSEICO [Power Semiconductors]
홈페이지  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR679 데이터시트(HTML) 3 Page - Power Semiconductors

  AR679 Datasheet HTML 1Page - Power Semiconductors AR679 Datasheet HTML 2Page - Power Semiconductors AR679 Datasheet HTML 3Page - Power Semiconductors AR679 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AR679 RECTIFIER DIODE
TARGET SPECIFICATION
nov 02 - ISSUE : 03
DISSIPATION CHARACTERISTICS
SINE WAVE
0
1000
2000
3000
4000
5000
6000
7000
8000
0
1000
2000
3000
4000
5000
IF(AV) [A]
PF(AV) [W]
180°
60°
90°
30°
120°
50
70
90
110
130
150
170
0
1000
2000
3000
4000
5000
IF(AV) [A]
Th [°C]
30°
180°
60°
120°
90°
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com