| 전자부품 데이터시트 검색엔진 |
|
PIC18F6X2X 데이터시트(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F6X2X 데이터시트(HTML) 29 Page - Microchip Technology |
|
29 / 386 page ![]() 2003 Microchip Technology Inc. Advance Information DS39612A-page 27 PIC18F6X2X/8X2X If the main oscillator is configured for HS mode with PLL active, an oscillator start-up time (TOST) plus an additional PLL time-out (TPLL) will occur. The PLL time- out is typically 2 ms and allows the PLL to lock to the main oscillator frequency. A timing diagram, indicating the transition from the Timer1 oscillator to the main oscillator for HS-PLL mode, is shown in Figure 2-10. FIGURE 2-10: TIMING FOR TRANSITION BETWEEN TIMER1 AND OSC1 (HS WITH PLL ACTIVE, SCS1 = 1) If the main oscillator is configured for EC mode with PLL active, only PLL time-out (TPLL) will occur. The PLL time- out is typically 2 ms and allows the PLL to lock to the main oscillator frequency. A timing diagram, indicating the transition from the Timer1 oscillator to the main oscillator for EC with PLL active, is shown in Figure 2-11. FIGURE 2-11: TIMING FOR TRANSITION BETWEEN TIMER1 AND OSC1 (EC WITH PLL ACTIVE, SCS1 = 1) Q4 Q1 Q1 Q2 Q3 Q4 Q1 Q2 OSC1 Internal System SCS (OSCCON<0>) Program Counter PC PC + 2 Note 1: TOST = 1024 TOSC (drawing not to scale). T1OSI Clock TOST Q3 PC + 4 TPLL TOSC TT1P TSCS Q4 PLL Clock Input 12 3 4 5 6 7 8 Q4 Q1 Q1 Q2 Q3 Q4 Q1 Q2 OSC1 Internal System SCS (OSCCON<0>) Program Counter PC PC + 2 T1OSI Clock Q3 PC + 4 TPLL TOSC TT1P TSCS Q4 PLL Clock Input 12 3 4 5 6 7 8 |