| 전자부품 데이터시트 검색엔진 |
|
PIC18F6X2X 데이터시트(PDF) 163 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F6X2X 데이터시트(HTML) 163 Page - Microchip Technology |
|
163 / 386 page ![]() 2003 Microchip Technology Inc. Advance Information DS39612A-page 161 PIC18F6X2X/8X2X TABLE 17-2: PIN CONFIGURATIONS FOR ECCP2 TABLE 17-3: PIN CONFIGURATIONS FOR ECCP3 ECCP Mode CCP2CON Configuration RB3 RC1 RE7 RE2 RE1 RE0 All devices, CCP2MX = 1, Microcontroller mode: Compatible CCP 00xx11xx RB3/INT3 CCP2 RE7 RE2 RE1 RE0 Dual PWM 10xx11xx RB3/INT3 P2A RE7 P2B RE1 RE0 Quad PWM x1xx11xx RB3/INT3 P2A RE7 P2B P2C P2D All devices, CCP2MX = 0, Microcontroller mode: Compatible CCP 00xx11xx RB3/INT3 RC1/T1OS1 CCP2 RE2 RE1 RE0 Dual PWM 10xx11xx RB3/INT3 RC1/T1OS1 P2A P2B RE1 RE0 Quad PWM x1xx11xx RB3/INT3 RC1/T1OS1 P2A P2B P2C P2D PIC18F8X2X devices, CCP2MX = 0, all other Program Memory modes: Compatible CCP 00xx11xx CCP2 RC1/T1OS1 RE7/AD15 RE2/CS RE1/WR RE0/RD Dual PWM 10xx11xx P2A RC1/T1OS1 RE7/AD15 P2B RE1/WR RE0/RD Quad PWM x1xx11xx P2A RC1/T1OS1 RE7/AD15 P2B P2C P2D Legend: x = Don’t care. Shaded cells indicate pin assignments not used by ECCP2 in a given mode. ECCP Mode CCP3CON Configuration RG0 RE4 RE3 RG3 RH5 RH4 All PIC18F6X2X devices: Compatible CCP 00xx11xx CCP3 RE4 RE3 RG3/CCP4 n/a n/a Dual PWM 10xx11xx P3A P3B RE3 RG3/CCP4 n/a n/a Quad PWM x1xx11xx P3A P3B P3C P3D n/a n/a PIC18F8X2X devices, ECCPMX = 1, Microcontroller mode: Compatible CCP 00xx11xx CCP3 RE4/AD12 RE3/AD11 RG3/CCP4 RH5/AN13 RH4/AN12 Dual PWM 10xx11xx P3A P3B RE3/AD11 RG3/CCP4 RH5/AN13 RH4/AN12 Quad PWM x1xx11xx P3A P3B P3C P3D RH5/AN13 RH4/AN12 PIC18F8X2X devices, ECCPMX = 0, Microcontroller mode: Compatible CCP 00xx11xx CCP3 RE6/AD14 RE5/AD13 RG3/CCP4 RH7/AN15 RH6/AN14 Dual PWM 10xx11xx P3A RE6/AD14 RE5/AD13 RG3/CCP4 P3B RH6/AN14 Quad PWM x1xx11xx P3A RE6/AD14 RE5/AD13 P3D P3B P3C PIC18F8X2X devices, ECCPMX = 1, all other Program Memory modes: Compatible CCP 00xx11xx CCP3 RE6/AD14 RE5/AD13 RG3/CCP4 RH7/AN15 RH6/AN14 Legend: x = Don’t care, n/a = Not available. Shaded cells indicate pin assignments not used by ECCP3 in a given mode. Note 1: With ECCP3 in Quad PWM mode, CCP4’s output is overridden by P1D; otherwise CCP4 is fully operational. |