전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

440SP 데이터시트(PDF) 45 Page - Applied Micro Circuits Corporation

부품명 440SP
상세설명  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SP 데이터시트(HTML) 45 Page - Applied Micro Circuits Corporation

Back Button 440SP Datasheet HTML 41Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 42Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 43Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 44Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 45Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 46Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 47Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 48Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 49Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
45
Data Sheet
UART1_DSR/CTS
F10
UART Peripheral
60
UART1_RTS/DTR
G10
UART1_Rx [GPIO30]
A07
UART1_Tx [GPIO31]
A06
[UART2_Rx] [GPIO16] IRQ5
D05
[UART2_Tx] [GPIO17] PerBE0
R09
UARTSerClk
A09
VDD
A12
Power
62
VDD
A17
VDD
A28
VDD
E05
VDD
E09
VDD
E13
VDD
E16
VDD
E20
VDD
E24
VDD
J05
VDD
J09
VDD
J13
VDD
J16
VDD
J20
VDD
J24
VDD
M01
VDD
M28
VDD
N05
VDD
N09
VDD
N13
VDD
N16
VDD
N20
VDD
N24
VDD
T05
VDD
T09
Table 3. Signals Listed Alphabetically (Sheet 29 of 30)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85