전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1007PXOR 데이터시트(PDF) 1 Page - Ashcroft, Inc.

부품명 1007PXOR
상세설명  1007P and 1001T XOR Refrigeration Pressure Gauges
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASHCROFT [Ashcroft, Inc.]
홈페이지  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

1007PXOR 데이터시트(HTML) 1 Page - Ashcroft, Inc.

  1007PXOR Datasheet HTML 1Page - Ashcroft, Inc. 1007PXOR Datasheet HTML 2Page - Ashcroft, Inc. 1007PXOR Datasheet HTML 3Page - Ashcroft, Inc. 1007PXOR Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
„
PowerFlex™ movement provides superior
resistance to shock, vibration and pulsation
„
FlutterGuard™ (STD.) reduce movement wear and
pointer flutter
„
Easy access window for minor span adjustments
„
1007P ABS case offers durability and corrosion
resistance
„
1001T gauges are tested to detect leaks as small
as 2.8 X 10 -4 cc per second
TYPICAL USES
„
Refrigerant manifolds (1007P, XOR)
„
Refrigerant recovery and recycling equipment
(1001T, XOR)
„
Automotive testing
„
HVAC/R - industrial and residential air conditioning
SPECIFICATIONS
Accuracy:
±1% of span at zero, ±2% of span the first
three fourths of scale, ±5% of span the last
fourth of scale
Sizes:
1007P: 2½˝
1001T: 2½˝, 3½˝
Ranges:
30 in. Hg/0/120psi retard to 250psi
0/400psi
30 in. Hg/0/300psi retard to 500psi
0/800psi
Process Connection
Location:
1007P: lower
1001T: back
Process Connection
Size:
1007P: 1⁄8 NPT
1001T: 1⁄8 NPT, 1⁄4 NPT
Dial:
Available refrigerant scales: R12, R22, R502,
R134A, 410A
Pointer:
Black, aluminum
Movement:
Patented PowerFlex™ with polyester segment.
Slotted span screw for minor span adjustments
Dampening:
FlutterGuard™
Restrictor:
1007P: 0.020˝ orifice restrictor
1001T: 0.013˝ orifice restrictor
KEY BENEFITS
•Optional connections to eliminate potential
leaks at threaded joints
•Rugged Durability
•Corrosion resistance
•Customized dials
WETTED COMPONENTS
Bourdon Tube
Process Connection
Restrictor
Bronze
Brass
Brass
1001T XOR
21⁄2˝, 31⁄2˝ dial size
1007P XOR
21⁄2˝ dial size
NON-WETTED COMPONENTS
Model
Case
Window
1007P
Blue ABS (low pressure)
Red ABS (high pressure)
Threaded polycarbonate
1001T
Black painted steel
1
⁄4 turn threaded
polycarbonate
MIN/MAX TEMPERATURE LIMITS
Version
Ambient
Process
Storage
1007P XOR
-40°F to 150°F
(-40°C to 65°C)
-40°F to 150°F
(-40°C to 65°C)
-40°F to 150°F
(-40°C to 65°C)
1001T XOR
-40°F to 150°F
(-40°C to 65°C)
-40°F to 150°F
(-40°C to 65°C)
-40°F to 150°F
(-40°C to 65°C)
of 4
1
Data Sheet
1007P and 1001T XOR Refrigeration Pressure Gauges
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. 1007P_xor_1001T_xor_gauges_ds_RevD_04-29-20
ashcroft.com
info@ashcroft.com
1.800.328.8258


유사한 부품 번호 - 1007PXOR

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
1007 MACOM-1007 Datasheet
50Kb / 1P
WILMAR??Protective Relays - 1000 Series
logo
List of Unclassifed Man...
1007 ETC2-1007 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Time Electronics Ltd.
1007 TIME-ELECTRONICS-1007 Datasheet
474Kb / 2P
1007 DC Millivolt Potentiometer and Calibrator
04/22
logo
Aptiv
1007 0,50 / 15305351 APTIV-1007 0,50 / 15305351 Datasheet
149Kb / 12P
Crimp Information Sheet
2014-03-04
logo
Heyco.
10070 HEYCO-10070 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
More results

유사한 설명 - 1007PXOR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
P158-100A-C2A ETC2-P158-100A-C2A Datasheet
876Kb / 2P
Refrigeration Pressure Transducers
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Copal Electronics
PG-20 COPAL-PG-20_16 Datasheet
143Kb / 4P
PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
PRESSURE GAUGES
PG-200 COPAL-PG-200_16 Datasheet
129Kb / 8P
PRESSURE GAUGES
PG-208 COPAL-PG-208_16 Datasheet
129Kb / 8P
PRESSURE GAUGES
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
PRESSURE GAUGES
logo
Sensata Technologies, I...
2CP5 SENSATA-2CP5 Datasheet
225Kb / 3P
HVAC/Refrigeration Pressure Sensor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com