전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1007PXOR 데이터시트(PDF) 2 Page - Ashcroft, Inc.

부품명 1007PXOR
상세설명  1007P and 1001T XOR Refrigeration Pressure Gauges
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASHCROFT [Ashcroft, Inc.]
홈페이지  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

1007PXOR 데이터시트(HTML) 2 Page - Ashcroft, Inc.

  1007PXOR Datasheet HTML 1Page - Ashcroft, Inc. 1007PXOR Datasheet HTML 2Page - Ashcroft, Inc. 1007PXOR Datasheet HTML 3Page - Ashcroft, Inc. 1007PXOR Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ORDERING CODE
Example:
25
1001T
H
01
B
XORUC 140#/V
Dial Size
25 - 2½˝
25
Model
1001T - Black steel case
1001T
1007P - ABS case
Process Connection Material
H - Brass
H
Process Connection Size
01 - 1⁄8 NPT Male
01
02 - 1⁄4 NPT Male, (N/A 1007P)
EX - 37° Flare (1001T only)
FP - 45° Flare (1001T only)
Connection Location
L - Lower connection, (1007P only)
B - Back connection, (1001T only)
B
Options (If choosing an option(s) must include an “X”)
X _ _
OR - Refrigeration application
OR
UC - Must always be on 1001T
RS - RoHS (EN directives 2011/65/EN and 2015/863)
TC - Teflon® tape on socket (1007P only)
ZO - Bulk pack
ZP - Customer P/N on carton/plain white label
ZQ - Customer P/N directly on carton
Range (coding examples only see range table on page 2 for all standard ranges)
Single Scales
140#/V - 30˝HG vac/0/120 psi retard to 250 psi
140#/V
Range Description
Code
1007P
1001T
30 in. Hg/0/120psi retard to 250psi; R502/R22/R12
140#-6288
140#-6294
30 in. Hg/0/120psi retard to 250psi; R134A
140#-6289
140#-6295
0/400psi; R502/R22/R12
400#-6290
400#-6296
0/400psi; R134A
400#-6291
400#-6297
30 in. Hg/0/300psi retard to 500psi; R410A
300#-6292
300#-6298
0/800psi;R410A
600#-6293
600#-6299
RANGE TABLE
of 4
2
Data Sheet
1007P and 1001T XOR Refrigeration Pressure Gauges
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. 1007P_xor_1001T_xor_gauges_ds_RevD_04-29-20
ashcroft.com
info@ashcroft.com
1.800.328.8258



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com