전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS515B-HF 데이터시트(PDF) 3 Page - Comchip Technology

부품명 SS515B-HF
상세설명  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS515B-HF 데이터시트(HTML) 3 Page - Comchip Technology

  SS515B-HF Datasheet HTML 1Page - Comchip Technology SS515B-HF Datasheet HTML 2Page - Comchip Technology SS515B-HF Datasheet HTML 3Page - Comchip Technology SS515B-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Schottky Barrier Rectifiers
Reel Taping Specification
Page 3
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
SP-JB025
Trailer
Device
Leader
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
400mm (min)
160mm (min)
DO-214AA
(SMB)
SYMBOL
(mm)
(inch)
E
F
P
P0
P1
T
W
W1
DO-214AA
(SMB)
SYMBOL
(mm)
(inch)
A
B
C
d
D
D1
D2
3.80 ± 0.10
13.00 ± 0.20
2.45 ± 0.05
1.55 ± 0.05
330 ± 2.00
0.150 ± 0.004
0.096 ± 0.002
0.061 ± 0.002 12.992 ± 0.079
0.512 ± 0.008
0.069 ± 0.004
0.217 ± 0.002
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.010 ± 0.002 0.472 ± 0.006
1.75 ± 0.10
5.50 ± 0.05
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
0.25 ± 0.05
12.00 ± 0.15
18.00 + 2.00
− 1.00
3.937 ± 0.039
100 ± 1.00
0.709 + 0.079
− 0.039
D
D1
D2
W1
5.50 + 0.05
− 0.10
0.217 + 0.002
− 0.004
Index hole
A
B
C
d
E
F
P
P0
P1
T
W



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com