전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS515B-HF 데이터시트(PDF) 2 Page - Comchip Technology

부품명 SS515B-HF
상세설명  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS515B-HF 데이터시트(HTML) 2 Page - Comchip Technology

  SS515B-HF Datasheet HTML 1Page - Comchip Technology SS515B-HF Datasheet HTML 2Page - Comchip Technology SS515B-HF Datasheet HTML 3Page - Comchip Technology SS515B-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (SS54B-HF Thru. SS520B-HF)
SMD Schottky Barrier Rectifiers
Page 2
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.2 - Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage, (%)
Fig.4 - Typical Junction Capacitance
Reverse Voltage, (V)
Fig.6 - Typical Transient Thermal Impedance
Pulse Duration
, t (sec)
Fig.1 - Forward Current Derating Curve
Case Temperature, (
°C)
Fig.3 - Typical Forward Characteristic
Instantaneous Forward Voltage, (V)
SS56B-HF
SS54B-HF
Fig.5 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60Hz
0
25
150
50
75
100
125
0
5.0
1.0
2.0
4.0
6.0
0
20
40
60
80
100
0
0
10
1
10
10²
10³
4
10
0.5
2.0
1.0
1.5
0.1
1.0
10
20
0.1
1
10
100
10
100
500
1000
1
10
100
75
0
50
25
100
175
0.1
1
10
100
0.01
10
100
1
TJ=25°C
8.3ms single half sine wave
(JEDEC Method)
3.0
125
150
SS54B-HF
SS56B-HF~SS520B-HF
SP-JB025
SS510B-HF~SS520B-HF
SS54B-HF~SS56B-HF
SS510B-HF~SS520B-HF
TJ=100°C
TJ=75°C
TJ=25°C



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com