| 전자부품 데이터시트 검색엔진 |
|
BUV48A 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BUV48A 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() October 2007 Rev 8 1/8 8 BUV48A High voltage fast switching NPN power transistor Features ■ NPN transistor ■ High voltage capability ■ High current capability ■ Fast switching speed Applications ■ Switching mode power supplies ■ Flyback and forward single transistor low power convertes Description The device is a multiepitaxial mesa NPN transistor mounted in TO-247 plastic package. It is intended for switching and industrial applications from single and three-phase mains. Figure 1. Internal schematic diagram 1 2 3 TO-247 www.st.com Table 1. Device summary Order code Marking Package Packaging BUV48A BUV48A TO-247 Tube |
유사한 부품 번호 - BUV48A |
|
유사한 설명 - BUV48A |